Electronic Components Datasheet Search
  English  ▼

X  

BLF871 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BLF871
Description  UHF power LDMOS transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF871 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BLF871 Datasheet HTML 3Page - NXP Semiconductors BLF871 Datasheet HTML 4Page - NXP Semiconductors BLF871 Datasheet HTML 5Page - NXP Semiconductors BLF871 Datasheet HTML 6Page - NXP Semiconductors BLF871 Datasheet HTML 7Page - NXP Semiconductors BLF871 Datasheet HTML 8Page - NXP Semiconductors BLF871 Datasheet HTML 9Page - NXP Semiconductors BLF871 Datasheet HTML 10Page - NXP Semiconductors BLF871 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
BLF871_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 5 March 2009
7 of 18
NXP Semiconductors
BLF871
UHF power LDMOS transistor
7.2 Broadband RF figures
7.2.1 2-Tone
IDq = 0.5 A; measured in a common source broadband
test circuit as described in Section 8.
(1) VDS = 40 V; PL(AV) = 45 W
(2) VDS = 42 V; PL(AV) = 50 W
IDq = 0.5 A; measured in a common source broadband
test circuit as described in Section 8.
(1) VDS = 40 V; PL(AV) = 45 W
(2) VDS = 42 V; PL(AV) = 50 W
Fig 7.
2-Tone power gain and drain efficiency as a
function of frequency; typical values
Fig 8.
2-Tone third order intermodulation distortion
as a function of frequency; typical values
f (MHz)
400
900
800
600
700
500
001aaj282
18
16
20
22
Gp
(dB)
ηD
(dB)
14
50
40
60
70
30
(2)
(1)
(2)
(1)
Gp
ηD
f (MHz)
400
900
800
600
700
500
001aaj283
−40
−20
0
IMD3
(dBc)
−60
(2)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com