Electronic Components Datasheet Search
  English  ▼

X  

BLF871 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BLF871
Description  UHF power LDMOS transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF871 Datasheet(HTML) 5 Page - NXP Semiconductors

  BLF871 Datasheet HTML 1Page - NXP Semiconductors BLF871 Datasheet HTML 2Page - NXP Semiconductors BLF871 Datasheet HTML 3Page - NXP Semiconductors BLF871 Datasheet HTML 4Page - NXP Semiconductors BLF871 Datasheet HTML 5Page - NXP Semiconductors BLF871 Datasheet HTML 6Page - NXP Semiconductors BLF871 Datasheet HTML 7Page - NXP Semiconductors BLF871 Datasheet HTML 8Page - NXP Semiconductors BLF871 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
BLF871_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 5 March 2009
5 of 18
NXP Semiconductors
BLF871
UHF power LDMOS transistor
7.1 Narrowband RF figures
7.1.1 CW
7.1.2 2-Tone
VDS =40V; IDq = 0.5 A; measured in a common source narrowband 860 MHz test circuit.
Fig 2.
CW power gain and drain efficiency as a function of load power; typical values
001aaj277
PL (W)
0
180
120
60
20
18
22
24
Gp
(dB)
ηD
(%)
16
40
20
60
80
0
Gp
ηD
VDS =40V; IDq = 0.5 A; measured in a common source
narrowband 860 MHz test circuit.
VDS = 40 V; IDq = 0.5 A; measured in a common source
narrowband 860 MHz test circuit.
(1) Low frequency component
(2) High frequency component
Fig 3.
2-Tone power gain and drain efficiency as
functions of average load power; typical
values
Fig 4.
2-Tone third order intermodulation distortion
as a function of average load power; typical
values
001aaj278
PL(AV) (W)
0
120
80
40
21
19
23
25
Gp
(dB)
ηD
(%)
17
40
20
60
80
0
Gp
ηD
PL(AV) (W)
0
120
80
40
001aaj279
−40
−20
0
IMD3
(dBc)
−60
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com