Electronic Components Datasheet Search
  English  ▼

X  

R27 Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # R27
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R27 Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button R27 Datasheet HTML 115Page - Renesas Technology Corp R27 Datasheet HTML 116Page - Renesas Technology Corp R27 Datasheet HTML 117Page - Renesas Technology Corp R27 Datasheet HTML 118Page - Renesas Technology Corp R27 Datasheet HTML 119Page - Renesas Technology Corp R27 Datasheet HTML 120Page - Renesas Technology Corp R27 Datasheet HTML 121Page - Renesas Technology Corp R27 Datasheet HTML 122Page - Renesas Technology Corp R27 Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 487 page
background image
R8C/26 Group, R8C/27 Group
10. Clock Generation Circuit
Rev.2.10
Sep 26, 2008
Page 100 of 453
REJ09B0278-0210
10.5.3
Stop Mode
Since the oscillator circuits stop in stop mode, the CPU clock and peripheral function clock stop and the CPU
and peripheral functions that use these clocks stop operating. The least power required to operate the MCU is in
stop mode. If the voltage applied to the VCC pin is VRAM or more, the contents of internal RAM is
maintained.
The peripheral functions clocked by external signals continue operating.
Table 10.4 lists Interrupts to Exit Stop Mode and Usage Conditions.
NOTE:
1. For N, D version only.
10.5.3.1
Entering Stop Mode
The MCU enters stop mode when the CM10 bit in the CM1 register is set to 1 (all clocks stop). At the same
time, the CM06 bit in the CM0 register is set to 1 (divide-by-8 mode), the CM03 bit in the CM0 register is set to
1 (XCIN clock oscillator circuit drive capacity high), and the CM15 bit in the CM1 register is set to 1 (XIN
clock oscillator circuit drive capacity high).
When using stop mode, set bits OCD1 to OCD0 to 00b before entering stop mode.
10.5.3.2
Pin Status in Stop Mode
The status before wait mode was entered is maintained.
However, when the CM01 bit in the CM0 register is set to 0 (XIN clock) and the CM13 bit in the CM1 register
is set to 1 (XIN-XOUT pins), the XOUT(P4_7) pin is held “H”. When the CM13 bit is set to 0 (input ports P4_6
and P4_7), the P4_7(XOUT pin) is held in input status.
When the CM01 bit in the CM0 register is set to 1 (XCIN clock) and the CM04 bit in the CM0 register is set to
1 (XCIN clock oscillates), the XCOUT(P4_7) pin is held “H”. When the CM04 bit is set to 0 (XIN clock stops),
the P4_7(XOUT pin) is held in input status.
Table 10.4
Interrupts to Exit Stop Mode and Usage Conditions
Interrupt
Usage Conditions
Key input interrupt
−
INT0, INT1, INT3 interrupt
Can be used if there is no filter
Timer RA interrupt
When there is no filter and external pulse is counted in event counter
mode
Serial interface interrupt
When external clock is selected
Voltage monitor 1 interrupt(1)
Usable in digital filter disabled mode (VW1C1 bit in VW1C register is set
to 1)
Voltage monitor 2 interrupt
Usable in digital filter disabled mode (VW2C1 bit in VW2C register is set
to 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com