Electronic Components Datasheet Search
  English  ▼

X  

R27 Datasheet(PDF) 120 Page - Renesas Technology Corp

Part # R27
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R27 Datasheet(HTML) 120 Page - Renesas Technology Corp

Back Button R27 Datasheet HTML 116Page - Renesas Technology Corp R27 Datasheet HTML 117Page - Renesas Technology Corp R27 Datasheet HTML 118Page - Renesas Technology Corp R27 Datasheet HTML 119Page - Renesas Technology Corp R27 Datasheet HTML 120Page - Renesas Technology Corp R27 Datasheet HTML 121Page - Renesas Technology Corp R27 Datasheet HTML 122Page - Renesas Technology Corp R27 Datasheet HTML 123Page - Renesas Technology Corp R27 Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 487 page
background image
R8C/26 Group, R8C/27 Group
10. Clock Generation Circuit
Rev.2.10
Sep 26, 2008
Page 101 of 453
REJ09B0278-0210
10.5.3.3
Exiting Stop Mode
The MCU exits stop mode by a reset or peripheral function interrupt.
Figure 10.15 shows the Time from Stop Mode to Interrupt Routine Execution.
When using a peripheral function interrupt to exit stop mode, set up the following before setting the CM10 bit
to 1.
(1) Set the interrupt priority level in bits ILVL2 to ILVL0 of the peripheral function interrupts to be used for
exiting stop mode. Set bits ILVL2 to ILVL0 of the peripheral function interrupts that are not to be used
for exiting stop mode to 000b (interrupt disabled).
(2) Set the I flag to 1.
(3) Operates the peripheral function to be used for exiting stop mode.
When exiting by a peripheral function interrupt, the interrupt sequence is executed when an interrupt request is
generated and the CPU clock supply is started.
If the clock used immediately before stop mode is a system clock and stop mode is exited by a peripheral
function interrupt, the CPU clock becomes the previous system clock divided by 8.
Figure 10.15
Time from Stop Mode to Interrupt Routine Execution
T2
Following total
time of T0 to T4 is
the time from stop
mode until an
interrupt handling
is executed.
Flash memory
activation sequence
CPU clock restart
sequence
Interrupt sequence
Oscillation time of
CPU clock source
used immediately
before stop mode
Stop
mode
T3
T4
Internal
power
stability time
T1
T0
Interrupt
request
generated
150 µs
(max.)
Time until Flash Memory
is Activated (T2)
Time until CPU Clock
is Supplied (T3)
Time for Interrupt
Sequence (T4)
Remarks
FMSTP Bit
FMR0 Register
Period of CPU clock
× 6 cycles
Period of CPU clock
× 20 cycles
Period of system clock
× 12 cycles + 30 µs (max.)
Period of system clock
× 12 cycles
Same as above
Same as above
0
(flash memory operates)
1
(flash memory stops)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com