| Electronic Components Datasheet Search |
|
R27 Datasheet(PDF) 118 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R27 Datasheet(HTML) 118 Page - Renesas Technology Corp |
|
118 / 487 page ![]() R8C/26 Group, R8C/27 Group 10. Clock Generation Circuit Rev.2.10 Sep 26, 2008 Page 99 of 453 REJ09B0278-0210 10.5.2.5 Reducing Internal Power Consumption Internal power consumption can be reduced by using low-speed clock mode (for N, D version only) or low- speed on-chip oscillator mode. Figure 10.14 shows the Procedure for Enabling Reduced Internal Power Consumption Using VCA20 bit. When enabling reduced internal power consumption using the VCA20 bit, follow Figure 10.14 Procedure for Enabling Reduced Internal Power Consumption Using VCA20 bit. Figure 10.14 Procedure for Enabling Reduced Internal Power Consumption Using VCA20 bit NOTES: 1. Execute this routine to handle all interrupts generated in wait mode. However, this does not apply if it is not necessary to start the high-speed clock or high-speed on-chip oscillator during the interrupt routine. 2. Do not set the VCA20 bit to 0 with the instruction immediately after setting the VCA20 bit to 1. Also, do not do the opposite. 3. When the VCA20 bit is set to 1, do not set the CM10 bit to 1 (stop mode). 4. When entering wait mode, follow 10.7.2 Wait Mode. Handling procedure of internal power low consumption enabled by VCA20 bit Enter low-speed clock mode or low-speed on-chip oscillator mode Stop XIN clock and high-speed on-chip oscillator clock VCA20 ← 1 (internal power low consumption enabled)(2, 3) Enter wait mode(4) VCA20 ← 0 (internal power low consumption disabled)(2) Start XIN clock or high-speed on-chip oscillator clock (Wait until XIN clock oscillation stabilizes) Enter high-speed clock mode or high-speed on-chip oscillator mode In interrupt routine VCA20 ← 0 (internal power low consumption disabled)(2) Start XIN clock or high-speed on-chip oscillator clock Enter high-speed clock mode or high-speed on-chip oscillator mode Enter low-speed clock mode or low-speed on-chip oscillator mode Exit wait mode by interrupt Stop XIN clock and high-speed on-chip oscillator clock VCA20 ← 1 (internal power low consumption enabled)(2, 3) Interrupt handling completed Step (1) Step (2) Step (3) Step (4) Step (5) Step (6) Step (7) Step (8) Step (5) Step (6) Step (7) Step (8) (Wait until XIN clock oscillation stabilizes) Step (1) Step (2) Step (3) If it is necessary to start the high-speed clock or the high-speed on-chip oscillator in the interrupt routine, execute steps (5) to (7) in the interrupt routine. If the high-speed clock or high-speed on-chip oscillator is started in the interrupt routine, execute steps (1) to (3) at the last of the interrupt routine. (Note 1) Interrupt handling VCA20: Bit in VCA2 register |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |