Electronic Components Datasheet Search
  English  ▼

X  

IR3502MPBF Datasheet(PDF) 17 Page - International Rectifier

Part # IR3502MPBF
Description  XPHASE3TM CONTROL IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3502MPBF Datasheet(HTML) 17 Page - International Rectifier

Back Button IR3502MPBF Datasheet HTML 13Page - International Rectifier IR3502MPBF Datasheet HTML 14Page - International Rectifier IR3502MPBF Datasheet HTML 15Page - International Rectifier IR3502MPBF Datasheet HTML 16Page - International Rectifier IR3502MPBF Datasheet HTML 17Page - International Rectifier IR3502MPBF Datasheet HTML 18Page - International Rectifier IR3502MPBF Datasheet HTML 19Page - International Rectifier IR3502MPBF Datasheet HTML 20Page - International Rectifier IR3502MPBF Datasheet HTML 21Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
IR3502
Page 17 of 39
July 28, 2009
Current
Sense
Amplifier
Phase IC
+
-
Phase IC
Current
Sense
Amplifier
3k
CSIN+
IOUT
CSIN-
VDAC
+
-
3k
VDAC
CSIN+
CSIN-
IOUT
EAOUT
VDAC
Error
Amplifier
Thermal
Comp
Amplifier
VDAC
Buffer
Remote
Sense
Amplifier
FB
RTCMP2
RTHERM
RTCMP1
VDRP
+
-
DAC_BUFF
VN
RTCMP3
200k
100k
+
-
+
-
RFB
+
-
RDRP
VOSEN-
VOSEN+
VDAC1
VO
IIN
Control IC
Figure 8 Adaptive voltage positioning with thermal compensation.
Start-up Sequence
The IR3502 has a programmable soft-start function to limit the surge current during the converter start-up. A
capacitor connected between the SS/DEL and LGND pins controls soft start timing, over-current protection delay
and hiccup mode timing. A charge current of 52.5uA and discharge current of 4uA control the up slope and down
slope of the voltage at the SS/DEL pin respectively. Figure 9 depicts start-up sequence of converter with VR 11.1
VID. If there is no fault, as the ENABLE is asserted, the SS/DEL pin will start charging. The error amplifier output
EAOUT is clamped low until SS/DEL reaches 1.4V. The error amplifier will then regulate the converter’s output
voltage to match the SS/DEL voltage less the 1.4V offset until the converter output reaches the 1.1V boot voltage.
The SS/DEL voltage continues to increase until it rises above the 3.0V threshold of VID delay comparator. The VID
set inputs are then activated and VDAC pin transitions to the level determined by the VID inputs. The SS/DEL
voltage continues to increase until it rises above 3.92V and allows the VRRDY signal to be asserted. SS/DEL finally
settles at 4.0V, indicating the end of the soft start. The remote sense amplifier has a very low operating range of 50
mV in order to achieve a smooth soft start of output voltage without bump.
The VCCL under voltage lock-out, VID fault modes, over current, as well as a low signal on the ENABLE input
immediately sets the fault latch, which causes the EAOUT pin to drive low turning off the phase IC drivers. The
VRRDY pin also drives low and SS/DEL begin to discharge until the voltage reaches 0.2V. If the fault has cleared
the fault latch will be reset by the discharge comparator allowing a normal soft start to occur.
Other fault conditions, such as over voltage, open sense lines, open loop monitor, and open daisy chain, set
different fault latches, which start discharging SS/DEL, pull down EAOUT voltage and drive VRRDY low. However,
the latches can only be reset by cycling VCCL power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com