Electronic Components Datasheet Search
  English  ▼

X  

IR3502MPBF Datasheet(PDF) 38 Page - International Rectifier

Part # IR3502MPBF
Description  XPHASE3TM CONTROL IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3502MPBF Datasheet(HTML) 38 Page - International Rectifier

Back Button IR3502MPBF Datasheet HTML 31Page - International Rectifier IR3502MPBF Datasheet HTML 32Page - International Rectifier IR3502MPBF Datasheet HTML 33Page - International Rectifier IR3502MPBF Datasheet HTML 34Page - International Rectifier IR3502MPBF Datasheet HTML 35Page - International Rectifier IR3502MPBF Datasheet HTML 36Page - International Rectifier IR3502MPBF Datasheet HTML 37Page - International Rectifier IR3502MPBF Datasheet HTML 38Page - International Rectifier IR3502MPBF Datasheet HTML 39Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 38 / 39 page
background image
IR3502
Page 38 of 39
July 28, 2009
Stencil Design
• The stencil apertures for the lead lands should be approximately 80% of the area of the lead lands.
Reducing the amount of solder deposited will minimize the occurrence of lead shorts. Since for 0.5mm
pitch devices the leads are only 0.25mm wide, the stencil apertures should not be made narrower;
openings in stencils < 0.25mm wide are difficult to maintain repeatable solder release.
• The stencil lead land apertures should therefore be shortened in length by 80% and centered on the lead
land.
• The land pad aperture should be striped with 0.25mm wide openings and spaces to deposit
approximately 50% area of solder on the center pad. If too much solder is deposited on the center pad
the part will float and the lead lands will be open.
• The maximum length and width of the land pad stencil aperture should be equal to the solder resist
opening minus an annular 0.2mm pull back to decrease the incidence of shorting the center land to the
lead lands when the part is pushed into the solder paste.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com