Electronic Components Datasheet Search
  English  ▼

X  

IR3502MPBF Datasheet(PDF) 36 Page - International Rectifier

Part # IR3502MPBF
Description  XPHASE3TM CONTROL IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3502MPBF Datasheet(HTML) 36 Page - International Rectifier

Back Button IR3502MPBF Datasheet HTML 31Page - International Rectifier IR3502MPBF Datasheet HTML 32Page - International Rectifier IR3502MPBF Datasheet HTML 33Page - International Rectifier IR3502MPBF Datasheet HTML 34Page - International Rectifier IR3502MPBF Datasheet HTML 35Page - International Rectifier IR3502MPBF Datasheet HTML 36Page - International Rectifier IR3502MPBF Datasheet HTML 37Page - International Rectifier IR3502MPBF Datasheet HTML 38Page - International Rectifier IR3502MPBF Datasheet HTML 39Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
IR3502
Page 36 of 39
July 28, 2009
PCB Metal and Component Placement
• Lead land width should be equal to nominal part lead width. The minimum lead to lead spacing should
be ≥ 0.2mm to minimize shorting.
• Lead land length should be equal to maximum part lead length + 0.3 mm outboard extension + 0.05mm
inboard extension. The outboard extension ensures a large and inspectable toe fillet, and the inboard
extension will accommodate any part misalignment and ensure a fillet.
• Center pad land length and width should be equal to maximum part pad length and width. However, the
minimum metal to metal spacing should be ≥ 0.17mm for 2 oz. Copper (≥ 0.1mm for 1 oz. Copper and ≥
0.23mm for 3 oz. Copper)
• Four 0.3mm diameter vias shall be placed in the pad land spaced at 1.2mm, and connected to ground to
minimize the noise effect on the IC and to transfer heat to the PCB.
• No PCB traces should be routed nor vias placed under any of the 4 corners of the IC package. Doing so
can cause the IC to rise up from the PCB resulting in poor solder joints to the IC leads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com