Electronic Components Datasheet Search
  English  ▼

X  

IR3502MPBF Datasheet(PDF) 26 Page - International Rectifier

Part # IR3502MPBF
Description  XPHASE3TM CONTROL IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3502MPBF Datasheet(HTML) 26 Page - International Rectifier

Back Button IR3502MPBF Datasheet HTML 22Page - International Rectifier IR3502MPBF Datasheet HTML 23Page - International Rectifier IR3502MPBF Datasheet HTML 24Page - International Rectifier IR3502MPBF Datasheet HTML 25Page - International Rectifier IR3502MPBF Datasheet HTML 26Page - International Rectifier IR3502MPBF Datasheet HTML 27Page - International Rectifier IR3502MPBF Datasheet HTML 28Page - International Rectifier IR3502MPBF Datasheet HTML 29Page - International Rectifier IR3502MPBF Datasheet HTML 30Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
IR3502
Page 26 of 39
July 28, 2009
DESIGN PROCEDURES - IR3502 AND IR3507 CHIPSET
IR3502 EXTERNAL COMPONENTS
Oscillator Resistor Rosc
The oscillator of IR502 generates square-wave pulses to synchronize the phase ICs. The switching frequency of
the each phase converter equals the PHSOUT frequency, which is set by the external resistor ROSC according to
the curve in Figure 18. The CLKOUT frequency equals the switching frequency multiplied by the phase number.
The Rosc sets the reference current used for no load offset which is given by Figure 19 and equals:
Rosc
ISETPT
595
.
0
=
(1)
Soft Start Capacitor CSS/DEL
The soft start capacitor CSS/DEL programs five different time parameters. They include soft start delay time, soft
start time, VID sample delay time, VR ready delay time and over-current fault latch delay time after VR ready.
For the converter using VID with boot voltage, the SS/DEL pin voltage controls the slew rate of the converter
output voltage, as shown in Figure 9. After the ENABLE pin voltage rises above 0.85V, there is a soft-start delay
time TD1, after which the error amplifier output is released to allow the soft start of output voltage. The soft start
time TD2 represents the time during which converter voltage rises from zero to 1.1V. The VID sample delay time
(TD3) is the time period when VID stays at boot voltage of 1.1V. VID rise or fall time (TD4) is the time when VID
changes from boot voltage to the final voltage. The VR ready delay time (TD5) is the time period from VR
reaching the final voltage to the VR ready signal being issued, which is determined by the delay comparator
threshold.
CSS/DEL = 0.1uF meets all the specifications of TD1 to TD5, which are determined by (2) to (6) respectively.
6
/
/
10
*
5
.
52
4
.
1
*
4
.
1
*
1
−
=
=
DEL
SS
CHG
DEL
SS
C
I
C
TD
(2)
6
/
/
10
*
5
.
52
1
.
1
*
1
.
1
*
2
−
=
=
DEL
SS
CHG
DEL
SS
C
I
C
TD
(3)
6
/
/
10
*
5
.
52
7
.
0
*
)
1
.
1
4
.
1
3
(
*
3
−
=
−
−
=
DEL
SS
CHG
DEL
SS
C
I
C
TD
(4)
6
/
/
10
*
5
.
52
1
.
1
*
1
.
1
*
4
−
−
=
−
=
DAC
DEL
SS
CHG
DAC
DEL
SS
V
C
I
V
C
TD
(5)
4
10
*
5
.
52
92
.
0
*
4
)
3
92
.
3
(
*
5
6
/
/
TD
C
TD
I
C
TD
DEL
SS
CHG
DEL
SS
−
=
−
−
=
−
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com