Electronic Components Datasheet Search
  English  ▼

X  

IR3502MPBF Datasheet(PDF) 27 Page - International Rectifier

Part # IR3502MPBF
Description  XPHASE3TM CONTROL IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3502MPBF Datasheet(HTML) 27 Page - International Rectifier

Back Button IR3502MPBF Datasheet HTML 23Page - International Rectifier IR3502MPBF Datasheet HTML 24Page - International Rectifier IR3502MPBF Datasheet HTML 25Page - International Rectifier IR3502MPBF Datasheet HTML 26Page - International Rectifier IR3502MPBF Datasheet HTML 27Page - International Rectifier IR3502MPBF Datasheet HTML 28Page - International Rectifier IR3502MPBF Datasheet HTML 29Page - International Rectifier IR3502MPBF Datasheet HTML 30Page - International Rectifier IR3502MPBF Datasheet HTML 31Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
IR3502
Page 27 of 39
July 28, 2009
O
O
CHG
DEL
SS
V
TD
V
I
TD
C
6
/
10
*
5
.
52
*
2
*
2
−
=
=
(7)
The soft start delay time (TD1) and VR ready delay time (TD3) are determined by (8) to (9) respectively.
6
/
/
10
*
5
.
52
4
.
1
*
4
.
1
*
1
−
=
=
DEL
SS
CHG
DEL
SS
C
I
C
TD
(8)
6
/
/
10
*
5
.
52
)
0
.
4
(
*
)
0
.
4
(
*
3
−
−
=
−
=
O
DEL
SS
CHG
O
DEL
SS
V
C
I
V
C
TD
(9)
Once CSS/DEL is chosen, the minimum over-current fault latch delay time
tOCDEL is fixed and can be quantified as
6
/
/
10
*
55
12
.
0
*
12
.
0
*
−
=
=
DEL
SS
DISCHG
DEL
SS
OCDEL
C
I
C
t
(10)
VDAC Slew Rate Programming Capacitor CVDAC and Resistor RVDAC
The slew rate of VDAC slope SRDOWN can be programmed by the external capacitor CVDAC as defined in (11),
where ISINK is the sink current of VDAC pin. The slew rate of VDAC up-slope is the same as that of down-slope.
The resistor RVDAC is used to compensate VDAC circuit and can be calculated as follows
DOWN
DOWN
SINK
VDAC
SR
SR
I
C
6
10
*
44
−
=
=
(11)
VDAC
VDAC
C
kHz
R
⋅
⋅
⋅
=
900
2
1
π
(12)
Current Report Gain and Thermal Compensation
Intel VR11.1 specifications require IMON to report the core maximum load current of the CPU be reported as 1 V
nominal. The core maximum current can be different for different platforms. The IMON tuning resistors can
therefore be adjusted and thermally compensated to adjust the load current gain with respect to the IMON. The
expressions that govern the relationship between load current, IMON, and VDRP at room temperature are given
by
o
cs
room
L
I
RTCMP
room
RTHERM
RTCMP
II
RTCMP
n
G
R
VDAC
VDRP
⋅
+
+
⋅
⋅
⋅
+
=
3
)
_
1
(
)
2
(
1
3
1
_
(13)
o
cs
room
L
I
RTCMP
room
RTHERM
RTCMP
II
RTCMP
n
G
R
mV
IMON
⋅
+
+
⋅
⋅
⋅
+
=
3
)
_
1
(
)
2
(
1
3
1
50
_
(14)
The change in inductor DCR with temperature is compensated by an equivalent variation in the RTHERM. The
following equations derive the RTCMP1 and RTCMP2 if RTCMP3 and the thermistor (RTHERM and βTHERM) are
fixed.
)]
(
10
*
3850
1
[
_
6
_
_
room
MAX
L
room
L
MAX
L
T
T
R
R
−
∗
+
∗
=
−
(15)
max
_
)
50
1
(
o
room
THERM
I
mV
K
−
=
,
n
G
R
K
cs
room
L
room
c
)
(
_
_
⋅
=
,
n
G
R
K
cs
L
t
c
)
(
max
_
max
_
⋅
=
(16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com