Electronic Components Datasheet Search
  English  ▼

X  

IR3502MPBF Datasheet(PDF) 30 Page - International Rectifier

Part # IR3502MPBF
Description  XPHASE3TM CONTROL IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3502MPBF Datasheet(HTML) 30 Page - International Rectifier

Back Button IR3502MPBF Datasheet HTML 26Page - International Rectifier IR3502MPBF Datasheet HTML 27Page - International Rectifier IR3502MPBF Datasheet HTML 28Page - International Rectifier IR3502MPBF Datasheet HTML 29Page - International Rectifier IR3502MPBF Datasheet HTML 30Page - International Rectifier IR3502MPBF Datasheet HTML 31Page - International Rectifier IR3502MPBF Datasheet HTML 32Page - International Rectifier IR3502MPBF Datasheet HTML 33Page - International Rectifier IR3502MPBF Datasheet HTML 34Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
IR3502
Page 30 of 39
July 28, 2009
DESIGN EXAMPLE – HIGH FREQUENCY CONVERTER (FIG. 20)
SPECIFICATIONS
Input Voltage: VI=12 V
DAC Voltage: VDAC=1.2 V
No Load Output Voltage Offset: VO_NLOFST=10 mV
Continuous Output Current: IOTDC=110 A
Maximum DC Output Current: IOMAX=140 A
Current Report Gain =0.95 V represents IOMAX
Output Impedance: RO=0.8 m
Soft Start Delay Time: TD1=0-5ms
Soft Start Time: TD2=0.05ms-10ms
VID Sample Delay Time: TD3=0.05-3ms
VID Rise Time: TD4=0-3.5ms
VR Ready Delay Time: TD5=0.05ms-3ms
Maximum Over Current Delay Time: tOCDEL<2.5ms
Dynamic VID Up-Slope Slew Rate: SRup=10mV/us
Over Temperature Threshold: TMAX=100 ºC
POWER STAGE
Phase Number: n=5
Switching Frequency: fSW = 700 kHz
Output Inductors: L=70 nH, RL=0.35 m
(Including solder resistance)
Output Capacitors: Ceramic: C=22uF, Number Nc=50
SP: C=220uF, Number Nsp=2
IR3502 EXTERNAL COMPONENTS
Oscillator Resistor Rosc
Once the switching frequency is chosen, ROSC can be determined from the curve in Figure 18 of this data sheet.
For a switching frequency of 700kHz per phase, choose ROSC = 17.4 k . The reference current is given by 30uA.
Soft Start Capacitor CSS/DEL
Determine the soft start capacitor to meet the specifications of the delay time.
Choose CSS/DEL=0.1uF. The soft start delay time is
mS
I
C
TD
CHG
DEL
SS
67
.
2
10
*
5
.
52
4
.
1
*
10
*
1
.
0
4
.
1
*
1
6
6
/
=
=
=
−
−
The soft start time is
mS
I
C
TD
CHG
DEL
SS
1
.
2
10
*
5
.
52
1
.
1
*
10
*
1
.
0
1
.
1
*
2
6
6
/
=
=
=
−
−
The VID sample delay time is
mS
I
C
TD
CHG
DEL
SS
33
.
1
10
*
5
.
52
7
.
0
*
10
*
1
.
0
)
1
.
1
4
.
1
2
.
3
(
*
3
6
6
/
=
=
−
−
=
−
−
VID rise time is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com