Electronic Components Datasheet Search
  English  ▼

X  

MSC8102 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MSC8102
Description  Quad Core 16-Bit Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8102 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MSC8102 Datasheet HTML 19Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 20Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 21Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 22Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 23Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 24Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 25Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 26Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 80 page
background image
GPIO, TDM, UART, and Timer Signals
MSC8102 Quad Core Digital Signal Processor, Rev. 12
Freescale Semiconductor
1-13
GPIO4
TDM3TCLK
IRQ2
Input/Output
Input
Input
General-Purpose Input Output 4
One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated
outputs. For details, refer to the
MSC8102 Reference Manual GPIO programming model.
TDM3 Transmit Clock
Transmit Clock for TDM 3
Interrupt Request 2
One of fifteen external lines that can request a service routine, via the internal interrupt controller,
from the SC140 core.
GPIO5
TDM3TDAT
IRQ3
Input/Output
Input/Output
Input
General-Purpose Input/Output 5
One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated
outputs. For details, refer to the
MSC8102 Reference Manual GPIO programming model.
TDM3 Serial Transmitter Data
The serial transmit data signal for TDM 3. As an output, it provides the DATA_D signal for TDM 3.
For configuration details, refer to the
MSC8102 Reference Manual chapter describing TDM
operation.
Interrupt Request 3
One of fifteen external lines that can request a service routine, via the internal interrupt controller,
from the SC140 core.
GPIO6
TDM3RSYN
IRQ4
Input/Output
Input/Output
Input
General-Purpose Input Output 6
One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated
outputs. For details, refer to the
MSC8102 Reference Manual GPIO programming model.
TDM3 Receive Frame Sync
The receive sync signal for TDM 3. As an input, this can be the DATA_B data signal for TDM 3.For
configuration details, refer to the
MSC8102 Reference Manual chapter describing TDM operation.
Interrupt Request 4
One of fifteen external lines that can request a service routine, via the internal interrupt controller,
from the SC140 core.
GPIO7
TDM3RCLK
IRQ5
Input/Output
Input/Output
Input
General-Purpose Input Output 7
One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated
outputs. For details, refer to the
MSC8102 Reference Manual GPIO programming model.
TDM3 Receive Clock
The receive clock signal for TDM 3. As an output, this can be the DATA_C data signal for TDM 3. For
configuration details, refer to the
MSC8102 Reference Manual chapter describing TDM operation.
Interrupt Request 5
One of fifteen external lines that can request a service routine, via the internal interrupt controller,
from the SC140 core.
GPIO8
TDM3RDAT
IRQ6
Input/Output
Input/Output
Input
General-Purpose Input Output 8
One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated
outputs. For details, refer to the
MSC8102 Reference Manual GPIO programming model.
TDM3 Serial Receiver Data
The receive data signal for TDM 3. As an input, this can be the DATA_A data signal for TDM 3. For
configuration details, refer to the
MSC8102 Reference Manual chapter describing TDM operation.
Interrupt Request 6
One of fifteen external lines that can request a service routine, via the internal interrupt controller,
from the SC140 core.
Table 1-7.
GPIO, TDM, UART, and Timer Signals (Continued)
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com