Electronic Components Datasheet Search
  English  ▼

X  

MSC8102 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # MSC8102
Description  Quad Core 16-Bit Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8102 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button MSC8102 Datasheet HTML 49Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 50Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 51Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 52Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 53Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 54Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 55Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 56Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 80 page
background image
MSC8102 Quad Core Digital Signal Processor, Rev. 12
Freescale Semiconductor
3-1
Packaging
3
This chapter provides information on the MSC8102 package, including diagrams of the package pinouts and tables
showing how the signals discussed in Chapter 1 are allocated. The MSC8102 is available in a 431-pin High
Temperature Coefficient for Expansion Flip Chip-Ceramic Ball Grid Array (FC-CBGA (HCTE)).
3.1 FC-CBGA (HCTE) Package Description
Figure 3-1 and Figure 3-2 show top and bottom views of the FC-CBGA (HCTE) package, including pinouts. To
conform to JDEC requirements, the package is based on a 23
× 23 position (20 × 20 mm) layout with the outside
perimeter depopulated. Therefore, ball position numbering starts with B2. Signal names shown in the figures are
typically the signal assigned after reset. Signals that are only used during power-on reset (SWTE, DSISYNC, DSI64,
MODCK[1–2]
, CNFGS, and CHIP_ID[0–3]) are not shown in these figures if there is another signal assigned to the pin
after reset. Also, there are several signals that are designated as IRQ lines immediately after reset, but represent
duplicate IRQ lines that should be reconfigured by the user. To represent these signals uniquely in the figures, the
second functions (BADDR[29–31], DP[1–7], and INT_OUT) are used.
Table 3-1 lists the MSC8102 signals alphabetically by signal name. Connections with multiple names are listed
individually by each name. Signals with programmable polarity are shown both as signals which are asserted low
(default) and high (that is, NAME/NAME). Table 3-2 lists the signals numerically by pin number. Each pin number is
listed once with the various signals that are multiplexed to it. For simplicity, signals with programmable polarity
are shown in this table only with their default name (asserted low).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com