| Electronic Components Datasheet Search |
|
MSC8102 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MSC8102 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc |
|
24 / 80 page ![]() MSC8102 Quad Core Digital Signal Processor, Rev. 12 1-14 Freescale Semiconductor Signals/Connections GPIO9 TDM2TSYN IRQ7 Input/Output Input/Output Input General-Purpose Input Output 9 One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated outputs. For details, refer to the MSC8102 Reference Manual GPIO programming model. TDM2 Transmit frame Sync Transmit Frame Sync for TDM 2. Interrupt Request 7 One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the SC140 core. GPIO10 TDM2TCLK IRQ8 Input/Output Input Input General-Purpose Input Output 10 One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated outputs. For details, refer to the MSC8102 Reference Manual GPIO programming model. TDM 2 Transmit Clock Transmit Clock for TDM 2. Interrupt Request 8 One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the SC140 core. GPIO11 TDM2TDAT IRQ9 Input/Output Input/Output Input General-Purpose Input Output 11 One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated outputs. For details, refer to the MSC8102 Reference Manual GPIO programming model. TDM2 Serial Transmitter Data The transmit data signal for TDM 2. As an output, this can be the DATA_D data signal for TDM 2. For configuration details, refer to the MSC8102 Reference Manual chapter describing TDM operation. Interrupt Request 9 One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the SC140 core. GPIO12 TDM2RSYN IRQ10 Input/Output Input/Output Input General-Purpose Input Output 12 One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated outputs. For details, refer to the MSC8102 Reference Manual GPIO programming model. TDM2 Receive Frame Sync The receive sync signal for TDM 2. As an input, this can be the DATA_B data signal for TDM 2. For configuration details, refer to the MSC8102 Reference Manual chapter describing TDM operation. Interrupt Request 10 One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the SC140 core. GPIO13 TDM2RCLK IRQ11 Input/Output Input/Output Input General-Purpose Input Output 13 One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated outputs. For details, refer to the MSC8102 Reference Manual GPIO programming model. TDM2 Receive Clock The receive clock signal for TDM 2. As an input, this can be the DATA_C data signal for TDM 2. For configuration details, refer to the MSC8102 Reference Manual chapter describing TDM operation. Interrupt Request 11 One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the SC140 core. Table 1-7. GPIO, TDM, UART, and Timer Signals (Continued) Signal Name Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |