| Electronic Components Datasheet Search |
|
MSC8102 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MSC8102 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc |
|
26 / 80 page ![]() MSC8102 Quad Core Digital Signal Processor, Rev. 12 1-16 Freescale Semiconductor Signals/Connections GPIO19 TDM1RCLK DACK2 Input/Output Input/Output Output General-Purpose Input Output 19 One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated outputs. For details, refer to the MSC8102 Reference Manual GPIO programming model. TDM1 Receive Clock The receive clock signal for TDM 1. As an input, this can be the DATA_C data signal for TDM 1. For configuration details, refer to the MSC8102 Reference Manual chapter describing TDM operation. DMA Acknowledge 2 The DMA controller drives this output to acknowledge the DMA transaction on the bus. GPIO20 TDM1RDAT Input/Output Input/ Output General-Purpose Input Output 20 One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated outputs. For details, refer to the MSC8102 Reference Manual GPIO programming model. TDM1 Serial Receiver Data The receive data signal for TDM 1. As an input, this can be the DATA_A data signal for TDM 1. For configuration details, refer to the MSC8102 Reference Manual chapter describing TDM operation. GPIO21 TDM0TSYN Input/Output Input/Output General-Purpose Input Output 21 One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated outputs. For details, refer to the MSC8102 Reference Manual GPIO programming model. TDM0 Transmit frame Sync Transmit Frame Sync for TDM 0. GPIO22 TDM0TCLK DONE2 DRACK2 Input/Output Input Input/Output Output General-Purpose Input Output 22 One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated outputs.For details, refer to the MSC8102 Reference Manual GPIO programming model. TDM 0 Transmit Clock Transmit Clock for TDM 0. DMA Done 2 Signifies that the channel must be terminated. If the DMA generates DONE, the channel handling this peripheral is inactive. As an input to the DMA, DONE closes the channel much like a normal channel closing. Note: See the MSC8102 Reference Manual chapters on DMA and GPIO for information on configuring the DRACK or DONE mode and pin direction. DMA Data Request Acknowledge 2 Asserted by the DMA controller to indicate that the DMA controller has sampled the peripheral request. GPIO23 TDM0TDAT IRQ13 Input/Output Input/Output Input General-Purpose Input Output 23 One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated outputs. For details, refer to the MSC8102 Reference Manual GPIO programming model. TDM0 Serial Transmitter Data The transmit data signal for TDM 0. As an output, this can be the DATA_D data signal for TDM 0. For configuration details, refer to the MSC8102 Reference Manual chapter describing TDM operation. Interrupt Request 13 One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the SC140 core. Table 1-7. GPIO, TDM, UART, and Timer Signals (Continued) Signal Name Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |