Electronic Components Datasheet Search
  English  ▼

X  

MSC8102 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MSC8102
Description  Quad Core 16-Bit Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8102 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MSC8102 Datasheet HTML 2Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 3Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 4Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 5Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 6Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 7Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 8Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 9Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 80 page
background image
MSC8102, Rev. 12
vi
Freescale Semiconductor
Table 4. DMA Controller
Feature
Description
Multi-Channel DMA
Controller
• 16 time-multiplexed unidirectional channels.
• Services up to four external peripherals.
• Supports DONE or DRACK protocol on two external peripherals.
• Each channel group services 16 internal requests generated by eight internal FIFOs. Each FIFO
generates:
• a watermark request to indicate that the FIFO contains data for the DMA to empty and write
to the destination
• a hungry request to indicate that the FIFO can accept more data.
• Priority-based time-multiplexing between channels using 16 internal priority levels
• A flexible channel configuration:
• All channels support all features.
• All channels connect to the 60x-compatible system bus or local bus.
• Flyby transfers in which a single data access is transferred directly from the source to the destination
without using a DMA FIFO.
Table 5. Serial Interfaces
Feature
Description
Time-Division
Multiplexing (TDM)
Up to four independent TDM modules, each with the following features:
• Either totally independent receive and transmit, each having one data line, one clock line, and one frame
sync line or four data lines, one clock and one frame sync that are shared between the transmit and
receive.
• Glueless interface to E1/T1 framers and MVIP, SCAS, and H.110 buses.
• Hardware A-law/
µ-law conversion
• Up to 50 Mbps per TDM (50 MHz bit clock if one data line is used, 25 MHz if two data lines are used, 12.5
MHz if four data lines are used).
• Up to 256 channels.
• Up to 16 MB per channel buffer (granularity 8 bytes), where A/
µ law buffer size is double (granularity 16
byte)
• Receive buffers share one global write offset pointer that is written to the same offset relative to their start
address.
• Transmit buffers share one global read offset pointer that is read from the same offset relative to their start
address.
• All channels share the same word size.
• Two programmable receive and two programmable transmit threshold levels with interrupt generation that
can be used, for example, to implement double buffering.
• Each channel can be programmed to be active or inactive.
• 2-, 4-, 8-, or 16-bit channels are stored in the internal memory as 2-, 4-, 8-, or 16-bit channels, respectively.
• The TDM transmitter sync signal (TxTSYN) can be configured as either input or output.
• Frame sync and data signals can be programmed to be sampled either on the rising edge or on the falling
edge of the clock.
• Frame sync can be programmed as active low or active high.
• Selectable delay (0–3 bits) between the Frame Sync signal and the beginning of the frame.
• MSB or LSB first support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com