Electronic Components Datasheet Search
  English  ▼

X  

MSC8102 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # MSC8102
Description  Quad Core 16-Bit Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8102 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MSC8102 Datasheet HTML 32Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 33Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 34Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 35Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 36Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 37Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 38Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 39Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 80 page
background image
MSC8102 Quad Core Digital Signal Processor, Rev. 12
2-6
Freescale Semiconductor
Specifications
2.5.3
Clock and Timing Signals
The following sections include a description of clock signal characteristics. Table 2-6 shows the maximum
frequency values for internal (core, reference, bus, and DSI) and external (CLKOUT) clocks. The user must ensure
that maximum frequency values are not exceeded.
Table 2-6.
Maximum Frequencies
Characteristic
Maximum in MHz
Core frequency
250/275
Reference frequency (REFCLK)
83.3/91.7
Internal bus frequency (BLCK)
83.3/91.7
DSI clock frequency (HCLKIN)
if REFCLK
≤ 70 MHz, HCLKIN ≤CLKOUT
if REFCLK > 70 MHz, HCLKIN
≤70 MHz
External clock output frequency (CLKOUT)
83.3/91.7
Note:
The REFCLK is CLKOUT.
Table 2-7.
Clock Frequencies
Characteristics
Symbol
250 MHz Device
275 MHz Device
Min
Max
Min
Max
CLKIN frequency
FCLKIN
33 MHz
75 MHz
33 MHz
75 MHz
DLLIN frequency
FDLLIN
33 MHz
75 MHz
33 MHz
75 MHz
BCLK frequency
FBCLK
33 MHz
75 MHz
33 MHz
75 MHz
Reference Clock (REFCLK) frequency
FREFCLK
33 MHz
83.3 MHz
33 MHz
91.7 MHz
Output Clock (CLKOUT) frequency
FCLKOUT
33 MHz
83.3 MHz
33 MHz
91.7 MHz
SC140 core clock frequency
FCORE
165 MHz
250 MHz
165 MHz
275 MHz
Note:
The rise and fall time of external clocks should be 5 ns maximum.
Table 2-8.
System Clock Parameters
Characteristic
Minimum
Maximum
Unit
Phase jitter between BCLK and DLLIN
—
0.5
ns
CLKIN frequency
33
75
MHz
CLKIN slope
—
5
ns
DLLIN slope
—
2
ns
CLKOUT frequency jitter
1
—
(0.01
× FCLKOUT) + FCLKIN jitter
MHz
CLKOUT phase jitter (in DLLOFF mode)
2
—
2
ns
Delay between CLKOUT and DLLIN
3
—
5
ns
Notes:
1.
Low CLKIN frequency causes poor PLL performance. Choose a FCLKIN value high enough to keep the frequency after
predivider (SPLLMFCLK) higher than 16.5 MHz.
2.
Peak-to-peak.
3.
Not tested. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com