| Electronic Components Datasheet Search |
|
MSC8102 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MSC8102 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc |
|
25 / 80 page ![]() GPIO, TDM, UART, and Timer Signals MSC8102 Quad Core Digital Signal Processor, Rev. 12 Freescale Semiconductor 1-15 GPIO14 TDM2RDAT IRQ12 Input/Output Input/Output Input Input General-Purpose Input Output 14 One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated outputs. For details, refer to the MSC8102 Reference Manual GPIO programming model. TDM2 Serial Receiver Data The receive data signal for TDM 2. As an input, this can be the DATA_A data signal for TDM 2. For configuration details, refer to the MSC8102 Reference Manual chapter describing TDM operation. Interrupt Request 12 One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the SC140 core. GPIO15 TDM1TSYN DREQ1 Input/Output Input/Output Input General-Purpose Input Output 15 One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated outputs. For details, refer to the MSC8102 Reference Manual GPIO programming model. TDM1 Transmit frame Sync Transmit Frame Sync for TDM 1. DMA Request 1 Used by an external peripheral to request DMA service. GPIO16 TDM1TCLK DONE1 DRACK1 Input/Output Input Input/Output Output General-Purpose Input Output 16 One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated outputs. For details, refer to the MSC8102 Reference Manual GPIO programming model. TDM1 Transmit Clock Transmit Clock for TDM 1. DMA Done 1 Signifies that the channel must be terminated. If the DMA generates DONE, the channel handling this peripheral is inactive. As an input to the DMA, DONE closes the channel much like a normal channel closing. See the MSC8102 Reference Manual chapters on DMA and GPIO for information on configuring the DRACK or DONE mode and pin direction. DMA Data Request Acknowledge 1 Asserted by the DMA controller to indicate that the DMA controller has sampled the peripheral request. GPIO17 TDM1TDAT DACK1 Input/Output Input/Output Output General-Purpose Input Output 17 One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated outputs. For details, refer to the MSC8102 Reference Manual GPIO programming model. TDM1 Serial Transmitter Data The transmit data signal for TDM 1. As an output, this can be the DATA_D data signal for TDM 1.For configuration details, refer to the MSC8102 Reference Manual chapter describing TDM operation. DMA Acknowledge 1 The DMA controller drives this output to acknowledge the DMA transaction on the bus. GPIO18 TDM1RSYN DREQ2 Input/Output Input/Output Input General-Purpose Input Output 18 One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated outputs. For details, refer to the MSC8102 Reference Manual GPIO programming model. TDM1 Receive Frame Sync The receive sync signal for TDM 1. As an input, this can be the DATA_B data signal for TDM 1. For configuration details, refer to the MSC8102 Reference Manual chapter describing TDM operation. DMA Request 2 Used by an external peripheral to request DMA service. Table 1-7. GPIO, TDM, UART, and Timer Signals (Continued) Signal Name Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |