Electronic Components Datasheet Search
  English  ▼

X  

MSC8102 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MSC8102
Description  Quad Core 16-Bit Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8102 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MSC8102 Datasheet HTML 1Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 2Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 3Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 4Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 5Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 6Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 7Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 8Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 80 page
background image
MSC8102, Rev. 12
iv
Freescale Semiconductor
Features
The tables in this section list the features of the MSC8102 device.
Table 1. Extended SC140 Cores and Core Memories
Feature
Description
SC140 Core
Four SC140 cores:
• Up to 4400 MMACS using 16 ALUs running at up to 275 MHz.
• A total of 1436 KB of internal SRAM (224 KB per core).
Each SC140 core provides the following:
• Up to 1100 MMACS using an internal 275 MHz clock at 1.6 V. A MAC operation includes a multiply-
accumulate command with the associated data move and pointer update.
• 4 ALUs per SC140 core.
• 16 data registers, 40 bits each.
• 27 address registers, 32 bits each.
• Hardware support for fractional and integer data types.
• Very rich 16-bit wide orthogonal instruction set.
• Up to six instructions executed in a single clock cycle.
• Variable-length execution set (VLES) that can be optimized for code density and performance.
• IEEE 1149.1 JTAG port.
• Enhanced on-device emulation (EOnCE) with real-time debugging capabilities.
Extended Core
Each SC140 core is embedded within an extended core that provides the following:
• 224 KB M1 memory that is accessed by the SC140 core with zero wait states.
• Support for atomic accesses to the M1 memory.
• 16 KB instruction cache, 16 ways.
• A four-entry write buffer that frees the SC140 core from waiting for a write access to finish.
• External cache support by asserting the global signal (GBL) when predefined memory banks are accessed.
• Program Interrupt Controller (PIC).
• Local Interrupt Controller (LIC).
Multi-Core Shared
Memories
• M2 memory (shared memory):
• A 476 KB memory working at the core frequency.
• Accessible from the local bus
• Accessible from all four SC140 cores using the MQBus.
• 4 KB bootstrap ROM.
M2-Accessible
Multi-Core Bus
(MQBus)
• A QBus protocol multi-master bus connecting the four SC140 cores to the M2 memory.
• Data bus access of up to 128-bit read and up to 64-bit write.
• Operation at the SC140 core frequency.
• A central efficient round-robin arbiter controlling SC140 core access on the MQBus.
• Atomic operation control of access to M2 memory by the four SC140 cores and the local bus.
Table 2. Phase-Lock Loop (PLL)
Feature
Description
Internal PLL
• Generates up to 275 MHz core clock and up to 91.67 MHz bus clocks for the 60x-compatible local and
system buses and other modules.
• PLL values are determined at reset based on configuration signal values.
Table 3. Buses and Memory Controller
Feature
Description
Dual-Bus
Architecture
Can be configured to a 32-bit data system bus and a 64-bit data direct slave interface (DSI) or to a 64-bit data
system bus and 32-bit data DSI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com