Electronic Components Datasheet Search
  English  ▼

X  

MMA6900K Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MMA6900K
Description  High Accuracy Low g Inertial Sensor MEMS Sensing, State Machine ASIC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6900K Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MMA6900K Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Sensors
Freescale Semiconductor
21
MMA690xQ
Behavioral exception conditions exist if self-test is active or the CAP/HOLD input is in a logic high state. MMA690xQ will re-
spond as shown in Table 3-5 if either exception condition exists. If both exception conditions are true, response is as shown in
Table 3-4.
P: Parity
T[1:0] Transfer type code
A special case exists if an internal oscillator fault is detected. This critical error condition results in DOUT being driven high
continuously while CS is asserted, as detailed in Section 3.1.1.2.
P: Parity
T[1:0] Transfer type code
Table 3-6. Critical/Reset Exception Response Detail
Operation
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Acceleration Data
Read
Command
T1
T0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Response
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
0
Register Pointer
Read
Command
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
0
Response
1
1
1
0
0
P
1
0
Register Address
Register Pointer
Write
Command
0
0
0
1
0
P
0
0
Register Address
Response
1
1
1
0
1
0
1
0
0
0
0
0
0
0
0
0
Register Data
Read
Command
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
Response
1
1
1
1
0
P
1
0
Register Data
Register Data
Write
Command
0
0
1
1
0
P
0
0
Register Data
Response
1
1
1
1
1
P
1
0
Register Address
Table 3-7. Transient Exception Response Detail
Operation
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Acceleration Data
Read
Command
T1
T0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Response
1
1
1
P
Reserved value (refer to Table 3-8)
0
Register Pointer
Read
Command
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
0
Response
1
1
1
0
0
P
1
1
Status code
Register Pointer
Write
Command
0
0
0
1
0
P
0
0
Register Address
Response
1
1
1
0
1
P
1
1
Status code
Register Data
Read
Command
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
Response
1
1
1
1
0
P
1
1
Status code
Register Data
Write
Command
0
0
1
1
0
P
0
0
Register Data
Response
1
1
1
1
1
P
1
1
Status code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com