Electronic Components Datasheet Search
  English  ▼

X  

MMA6900K Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MMA6900K
Description  High Accuracy Low g Inertial Sensor MEMS Sensing, State Machine ASIC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6900K Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MMA6900K Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
Sensors
Freescale Semiconductor
17
MMA690xQ
SECTION 3 SERIAL COMMUNICATIONS
Digital data communication is completed through synchronous serial transfers via the SPI port. Conventional SPI protocol is
employed, acting as a slave device observing CPOL = 0, CPHA = 0, MSB first. A number of data integrity features are incorpo-
rated into the transfer protocols.
3.1
EXCEPTION CONDITIONS
Under certain conditions, the MMA690xQ will respond to serial commands with a word, which indicates that an exception con-
dition has been detected. Response varies according to the Communication Protocol selected. Exceptions fall into five classes
and are prioritized. If multiple exception conditions are detected, only the exception of highest priority is reported.
A reset exception condition exists following any device reset. Immediately following reset, a Device Initialization condition will
be indicated until internal initialization of the circuitry has completed. Following internal initialization, a Device Reset exception
condition exists until explicitly cleared by writing a logic ‘1’ to the CE bit in DEVCTL.
Transient exception conditions result from data transmission errors such as data parity faults, an invalid number of clock
cycles, etc. These exceptions are indicated during the following SPI transfer operation. These exceptions do not require an ex-
plicit operation to be cleared.
Behavioral exception conditions are defined as those which affect acceleration data results but do not indicate an error condi-
tion. In MMA690xQ, the two behavioral exceptions are activation of self-test and a hold condition resulting from the external CAP/
HOLD pin being driven to a logic high state. Register operations are unaffected by behavioral exceptions. Acceleration data trans-
fers will complete, with the S/T1 and S/T0 bits indicating that one or both behavioral exception conditions exist.
See Section 3.2 for behavioral exceptions reported by the Communications Protocol.
Critical error exceptions exist when an internal fault, which affects the reliability of device operation or acceleration results, is
detected. If a critical error condition exists, an invalid data value is produced by the device in lieu of acceleration results. Register
operations are unaffected except for the state of S[2:0]. Some critical errors, such as Temperature Fault, may be cleared by
writing a logic ‘1’ to the CE bit in DEVCTL, provided the underlying fault condition no longer persists. Other critical error conditions
require reset of the device to clear.
3.1.1
Defined Exceptions
3.1.1.1
Internal Data Error
Class: Critical error
During reset, a number of internal registers are loaded from a fuse array which stores factory-programmed values. The resis-
tance of each fuse is measured and compared to thresholds to ensure integrity of programmed data. Additionally, the register
array is continuously monitored for correct parity at all time while the device is powered. If either the margin test or parity verifi-
cation fail, an internal data error exception is reported.
Device reset is required to clear this exception condition.
3.1.1.2
Internal Oscillator Fault
Class: Critical error
If an oscillator fault condition is detected, DOUT is driven high continuously when CS is asserted, as illustrated in Figure 3-1.
Device reset is required to clear this exception condition.
Figure 3-1 Oscillator Failure Response
SCLK
DOUT
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com