Electronic Components Datasheet Search
  English  ▼

X  

MMA6900K Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MMA6900K
Description  High Accuracy Low g Inertial Sensor MEMS Sensing, State Machine ASIC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6900K Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MMA6900K Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Sensors
Freescale Semiconductor
9
MMA690xQ
2.1.3.2
Clear Error (CE)
Setting this bit to a logic ‘1’ state will clear transient error status conditions. It is necessary to either set this bit or perform a
device reset if an error condition has been reported by the device before acceleration data transfer can be resumed. The device
reset condition may be cleared only after device initialization has completed.
Error conditions and classification are described in Section 3.1.
The state of this bit is always read as logic ‘0’.
2.1.3.3
PCM Enable (PCM_EN)
This bit controls the PCM_X and PCM_Y outputs along with internal circuitry which generates a pulse-code modulated signal
from the acceleration result. When this bit is set, the PCM outputs are enabled. When cleared, PCM_X and PCM_Y are driven
to a logic low level.
2.1.3.4
High-pass Filter Bypass (HPFB)
The high-pass filter is disabled through factory settings, therefore writing this bit will have no effect. If read, this bit will be “0”.
2.1.3.5
Y-Axis Signal Inversion Control (YINV)
This control function is provided as a means to verify operation of the two-channel multiplexor which alternately provides
X-axis and Y-axis data to the DSP. An inverter block and multiplexor at the Y-axis input to the DSP are controlled by the YINV bit.
Setting this bit when ST0 is set has the effect of changing the sign of acceleration in the Y-axis. Operation of the YINV bit is
illustrated in Figure 2-1. Y-axis inversion may be selected only during self-test; the state of this bit has no effect when ST0 is
cleared.
Figure 2-1 Y-Axis Inversion Function
Self-test operations controlled by YINV along with ST1 and ST0 are summarized in the Table 2-5.
2.1.3.6
Self-test Control (ST1, ST0)
Bidirectional self-test control is provided through manipulation of these bits. ST1 controls direction while ST0 enables and dis-
ables the self-test circuitry. ST1 and ST0 are always cleared following internal reset. When ST0 is set, the high-pass filter is by-
passed and the values within the high-pass filter are frozen. Both axes are affected simultaneously by the state of these bits. If
the offset monitor is enabled, self-test activation in a single direction should be limited to less than 30 ms.
Communications Protocol bits S2 - S1 are inverted when self-test is activated, as described in Section 3.2.
Offset correction is applied within the DSP, and is not affected by the state of the YINV bit. Consequently, inversion of the
Y-axis signal may result in saturation of the Y-axis output value.
Correct operation of the DSP input multiplexor may be confirmed by performing the operations shown in Figure 2-2.
Table 2-5. Self-Test Control Operations
YINV
ST1
ST0
Self-Test Operation
X-Axis
Y-Axis
X
X
0
Self-test Disabled, Y-Axis Signal Inversion Disabled
0
0
1
Positive Deflection
0
1
1
Negative Deflection
1
0
1
Positive Deflection
Negative Deflection
1
1
1
Negative Deflection
Positive Deflection
DSP
YINV
ΣΔ
CONVERTER
SINC
FILTER
X-AXIS
ΣΔ
CONVERTER
Y-AXIS
SINC
FILTER
ST0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com