Electronic Components Datasheet Search
  English  ▼

X  

MMA6900K Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MMA6900K
Description  High Accuracy Low g Inertial Sensor MEMS Sensing, State Machine ASIC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6900K Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MMA6900K Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 25Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
Sensors
22
Freescale Semiconductor
MMA690xQ
3.2.2
Acceleration Data Transfer
The format of an acceleration data transfer is illustrated in Figure 3-2. Response to acceleration data transfers is summarized
in Table 3-8. Note that a number of reserved values are defined to indicate error exceptions. MMA690xQ will produce signed or
unsigned data depending upon the state of the SD bit in the DSPCFG register, as described in Section 2.1.4.
T[1:0] Transfer type code
S[2:0]: Status code
Figure 3-2 Communications Protocol, Acceleration Data Transfer
Table 3-8. Range of Output, Communications Protocol
11-bit Data Value
Definition
Unsigned
Decimal
Hex
2047
7FF
Critical/Reset Exception Value
2046
7FE
Invalid Axis Selection
2045
7FD
Internal Signal Path Overflow
2044
7FC
Overrange Value
2043
7FB
Maximum Positive Signal Level
•
•
•
•
•
•
1024
400
Zero Signal Level
•
•
•
•
•
•
5
005
Minimum Negative Signal Level
4
004
Underrange Value
3
003
Internal Signal Path Underflow
2
002
SPI Clock Fault
1
001
DIN Parity Fault
0
000
Reserved Value
SCLK
BIT
15
MOSI
MISO
CS
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
D5
D4
D3
D2
D1
D0
0
T1
T0
S2
S1
D6
D7
D8
D9
D10
S0
P
000000000000
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com