Electronic Components Datasheet Search
  English  ▼

X  

MMA6900K Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MMA6900K
Description  High Accuracy Low g Inertial Sensor MEMS Sensing, State Machine ASIC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6900K Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MMA6900K Datasheet HTML 28Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 29Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 30Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 31Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 32Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 33Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 34Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 35Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 36Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
Sensors
Freescale Semiconductor
35
MMA690xQ
A.2
LOW-PASS FILTER CHARACTERISTICS
Figure A-2 Low-Pass Filter, fc = 50 Hz, Poles = 2, ts = 32 μs
10
1
10
2
−30
−25
−20
−15
−10
−5
0
Frequency (Hz)
Frequency Response
10
1
10
2
0
100
200
Frequency (Hz)
Group Delay
10
1
10
2
−5
0
5
Frequency (Hz)
Phase Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com