Electronic Components Datasheet Search
  English  ▼

X  

MMA6900K Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MMA6900K
Description  High Accuracy Low g Inertial Sensor MEMS Sensing, State Machine ASIC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6900K Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MMA6900K Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
Sensors
14
Freescale Semiconductor
MMA690xQ
2.6
INTERNAL RESET CONTROLLER
Four conditions can result in an internal reset. The initial power-on condition always results in a reset condition An internal
voltage monitor will assert reset when the supply voltage or a regulated output voltage falls below specified limits. This is referred
to as a low voltage reset. Externally, a hardware reset can be initiated by holding SCLK high and driving the CS pin low for 512
μs.
Finally, the device can be reset through a series of register write operations, as described in Section 2.1.3.1.
2.7
CONTROL LOGIC
A control logic block coordinates a number of activities within the device. These include:
• Post-reset device initialization
• Self-test
• Operating mode selection
• Data array programming
• Device support data transfers
2.8
TEMPERATURE SENSOR
A temperature sensor provides input to the digital signal processing block. Device temperature is incorporated into a correction
value, which is applied to each acceleration result. The upper eight bits of the temperature sensor value are accessible through
the TEMP register, described in Section 2.1.4. The temperature sensor output is continuously compared to under- or over-tem-
perature limits of approximately -40 and +110 °C, respectively. A temperature fault condition is indicated if the temperature sensor
value exceeds the under- or over-temperature limit.
2.8.1
TEMPERATURE SENSOR MONITOR
A monitor circuit associated with the temperature sensor is provided. The monitor will detect over- or under-temperature con-
ditions as well as rapid fluctuations in temperature sensor output such as would be related to failure of the sensor. If a temperature
related fault is detected, an error condition is indicated in lieu of acceleration data.
Rapid fluctuation of the temperature sensor output is detected by comparing the value of each sample to the previous value.
This operation, as well as temperature limit detection is illustrated in Figure 2-5. A fault condition is indicated if predetermined
limits are exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com