Electronic Components Datasheet Search
  English  ▼

X  

MMA6900K Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MMA6900K
Description  High Accuracy Low g Inertial Sensor MEMS Sensing, State Machine ASIC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6900K Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MMA6900K Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Sensors
6
Freescale Semiconductor
MMA690xQ
1.5
EXTERNAL COMPONENTS
The connections illustrated in Figure 1-5 are recommended. Careful printed wiring board layout and component placement is
essential for best performance. Low ESR capacitors must be connected to CREG and CREGA pins for best performance. A ground-
ed land area with solder mask should be placed under the package for improved shielding of the device from external effects. If
a land area is not provided, no signals should be routed beneath the package.
Figure 1-5 External Components
1
μF
100 nF
100 nF
1
μF
VCC
MMA690xQ
VCC
CREGA
CREF
VSSA
100 nF
CREG
1.0
μF
VCC
MMA690xQ
CREF
CREGA
100 nF
1.0
μF
100 nF
1.0
μF
RECOMMENDED EXTERNAL COMPONENT CONFIGURATION
ALTERNATE EXTERNAL COMPONENT CONFIGURATION
VSS
VCC
CREGA
CREF
VSSA
CREG
CREF
CREGA
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com