Electronic Components Datasheet Search
  English  ▼

X  

MMA6900K Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MMA6900K
Description  High Accuracy Low g Inertial Sensor MEMS Sensing, State Machine ASIC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6900K Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MMA6900K Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA6900K Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
Sensors
16
Freescale Semiconductor
MMA690xQ
2.9
SPI
The SPI is a full bidirectional port which is used for all configuration and control functions.
2.10
SELF-TEST INTERFACE
The self-test interface provides a mechanism for applying a calibrated voltage to the g-cell. This results in deflection of the
proof mass, causing reported acceleration results to be offset by a specified amount. Control of the self-test interface via the SPI
is accommodated through write operations involving the DEVCTL register at address $0E, described in Section 2.1.3.
2.11
ΣΔ CONVERTERS
Two sigma delta converters provide the interface between the g-cell and digital signal processing block. The output of each
ΣΔ converter is a data stream at a nominal frequency of 1.0 MHz.
2.12
DIGITAL SIGNAL PROCESSING BLOCK
A Digital Signal Processing (DSP) block is used to perform all filtering and correction operations. A diagram illustrating the
signal processing flow within the DSP block is shown in Figure 1-1. The DSP operates at 2.0 MHz, twice the frequency of the
ΣΔ converters. The two interleaved bit streams from the ΣΔ converters are processed simultaneously within the DSP.
Each MMA690xQ device is factory programmed to select the acceleration range. Filter characteristics for the X- and Y-axes
are customer programmed.
2.12.1
LOW-PASS FILTER
Low-pass filtering occurs in two stages. The serial data stream produced by the
ΣΔ converters is decimated and converted to
parallel values by a sinc filter. Parallel data is then processed by an Infinite Impulse Response (IIR) low-pass filter.
A selection of low-pass filter characteristics are available. The cutoff frequency (fC) and rate at which acceleration samples are
determined by the device (tS) vary depending upon which filter is chosen. Power consumption is also affected, as higher sample
rates require greater DSP activity, which in turn requires more supply current.
Response parameters for available low-pass filter are summarized in A.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com