Electronic Components Datasheet Search
  English  ▼

X  

FX579 Datasheet(PDF) 4 Page - CML Microcircuits

Part # FX579
Description  HALF DUPLEX GMSK MODEM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX579 Datasheet(HTML) 4 Page - CML Microcircuits

  FX579 Datasheet HTML 1Page - CML Microcircuits FX579 Datasheet HTML 2Page - CML Microcircuits FX579 Datasheet HTML 3Page - CML Microcircuits FX579 Datasheet HTML 4Page - CML Microcircuits FX579 Datasheet HTML 5Page - CML Microcircuits FX579 Datasheet HTML 6Page - CML Microcircuits FX579 Datasheet HTML 7Page - CML Microcircuits FX579 Datasheet HTML 8Page - CML Microcircuits FX579 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Half Duplex GMSK Modem
FX579
© 1996 Consumer Microcircuits Limited
4
D/579/4
1.3
Signal List
Package
D4
Signal
Description
Pin No.
Name
Type
1
XTALN
O/P
The output of the on-chip oscillator.
2
XTAL/CLK
I/P
The input to the on-chip oscillator for an external
Xtal circuit or clock.
3
CLKDIVA
I/P
) Two logic level inputs that control the internal
4
CLKDIVB
I/P
) clock divider and hence the transmit and
) receive data rate (See Table 1).
5
ACQUIRE
I/P
A logic "1" applied to this input will set the Rx
level measurement and Rx clock extraction
circuitry to 'acquire' mode.
6
VBIAS
O/P
The internal circuitry bias line, held at ½ VDD,
this pin must be decoupled to VSS by a capacitor
mounted close to the pin.
7
RXIN
I/P
The Rx signal input from the radio's discriminator
via suitable signal and dc level adjustment. In
Rx this pin is internally held at
½ VDD.
8
VSS
Power
Negative supply rail. Signal ground.
9
TXOP
O/P
The Tx signal output. This signal should be
applied to an external RC before being applied to
the radio modulator.
10
BT
I/P
A logic level input to select the modem 'BT' (the
ratio of the Tx filter -3dB frequency to the bit
rate). A logic "1" sets the modem to a BT of 0.5,
a logic "0" to a BT of 0.3.
11
12
DOC1
DOC2
O/P
O/P
Two pins used by the modem's Rx level
measurement circuitry. A capacitor should be
connected from each pin to VSS.
13
TXRXN
I/P
A logic level applied to this pin determines
whether the modem operates in Tx or Rx mode.
A logic "1" sets Tx mode. A logic "0" sets Rx
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com