Electronic Components Datasheet Search
  English  ▼

X  

FX579 Datasheet(PDF) 14 Page - CML Microcircuits

Part # FX579
Description  HALF DUPLEX GMSK MODEM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX579 Datasheet(HTML) 14 Page - CML Microcircuits

Back Button FX579 Datasheet HTML 10Page - CML Microcircuits FX579 Datasheet HTML 11Page - CML Microcircuits FX579 Datasheet HTML 12Page - CML Microcircuits FX579 Datasheet HTML 13Page - CML Microcircuits FX579 Datasheet HTML 14Page - CML Microcircuits FX579 Datasheet HTML 15Page - CML Microcircuits FX579 Datasheet HTML 16Page - CML Microcircuits FX579 Datasheet HTML 17Page - CML Microcircuits FX579 Datasheet HTML 18Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Half Duplex GMSK Modem
FX579
© 1996 Consumer Microcircuits Limited
14
D/579/4
ACQUIRE Pin
Rx Level Measurement Mode
PLL Mode
"0" to "1"
Clamp
Narrow
→ Wide Bandwidth
"1"
Lossy Peak Detect
Wide Bandwidth
"0"
Peak Averaging
Narrow Bandwidth
Rx Level Measurement Clamp: Operates for a minimum of two bit times, maximum three bit
times, after a "0" to "1" transition of the ACQUIRE input. The external DOC capacitors are
rapidly charged towards the input signal level, with the charge time constant being of the order
of 0.5 bit time.
Rx Level Measurement Lossy Peak Detect: The detectors rapidly capture the +ve and -ve
going signal peaks of the Rx filter output signal, these peaks being stored on the external DOC
capacitors. The detectors operate in this mode whenever ACQUIRE is at a logic "1", except for
the initial Clamp period.
Rx Level Measurement Peak Averaging: Provides a slower but more accurate measurement
of the signal peak amplitudes. This operating mode depends on the PLL circuitry being in lock.
PLL Wide Bandwidth: Sets the PLL bandwidth wide enough to allow a lock to the received
signal in 8 zero crossings. This mode will operate as long as ACQUIRE is at logic "1".
PLL Narrow Bandwidth: The correction applied to the extracted clock is limited to a maximum
of ± 1/16th bit period for every 4 zero crossings received. The PLL operates in this mode
whenever the ACQUIRE input is set to logic "0".
Table 3 Receive Operating Modes
Rx Data Formats
The receive section of the FX579 works best with data which has a reasonably 'random' structure, i.e.
the data should contain approximately the same number of 'ones' as 'zeroes' with no long sequences
(> 100 bits) of consecutive 'ones' or 'zeroes'. Also, long sequences (>100 bits) of patterns without "11"
and "00" should be avoided.
For this reason, it is recommended that data is scrambled in some manner before transmission, for
example by 'exclusive-ORing' with the output of a binary pseudorandom pattern generator.
Where data is transmitted in bursts, each burst should be preceded by a preamble designed to allow
the receive modem to establish timing and level lock as quickly as possible. This preamble should be
at least 16 bits long, and should preferably consist of alternating pairs of "1"s and "0"s i.e.
"110011001100...."
A "10101010...." preamble sequence will yield poor peak levels for the receive
circuits, although performance is better with BT = 0.5 than with BT = 0.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com