Electronic Components Datasheet Search
  English  ▼

X  

FX579 Datasheet(PDF) 7 Page - CML Microcircuits

Part # FX579
Description  HALF DUPLEX GMSK MODEM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX579 Datasheet(HTML) 7 Page - CML Microcircuits

Back Button FX579 Datasheet HTML 3Page - CML Microcircuits FX579 Datasheet HTML 4Page - CML Microcircuits FX579 Datasheet HTML 5Page - CML Microcircuits FX579 Datasheet HTML 6Page - CML Microcircuits FX579 Datasheet HTML 7Page - CML Microcircuits FX579 Datasheet HTML 8Page - CML Microcircuits FX579 Datasheet HTML 9Page - CML Microcircuits FX579 Datasheet HTML 10Page - CML Microcircuits FX579 Datasheet HTML 11Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Half Duplex GMSK Modem
FX579
© 1996 Consumer Microcircuits Limited
7
D/579/4
1.5
General Description
1.5.1
Overall Function Description
The FX579 is a single chip processor that performs the baseband function of a half duplex modem
employing Gaussian minimum shift keying (GMSK) modulation. Data rates of 4kbits/sec to 40kbits/sec
and the choice of BT of 0.3 or 0.5 are pin programmable functions to suit radio data channel bandwidth
requirements.
Figure 3 shows how the modem is used in a typical radio application. In transmit mode data at the
DATAIO pin is retimed with the Tx clock (output at the DATACLK pin) before being level shifted and
passed through the GMSK Gaussian filter to the TXOP pin. An external RC network forms part of this
filter and is required, in association with any signal and dc level adjustment, for driving the radio's
frequency modulator. In receive mode, data from the radio's frequency discriminator, having been
adjusted externally for signal and dc levels to provide a nominal input level of 1V pk-pk centred around
½ VDD (VDD = 5V), is then processed to produce data at the DATAIO pin in binary form, together with a
regenerated clock at the DATACLK pin.
Acquisition and lock of Rx data signals is made easier and faster by the use of an ACQUIRE input
which can be set by the system µController as required.
The FX579 features a low current analogue/digital ASIC process offering significantly lower current
consumption than DSP technology.
This CMOS microcircuit is available in a 16-pin small outline
(SOIC) package.
1.5.2
Description of Blocks and Signal Path
(Reference Block Diagram Figure 1).
Power Supply Circuits
These circuits produce the necessary internal voltage levels.
Note that VDD and VBIAS should be
decoupled to VSS as shown.
Clock Oscillator and Divider
The transmit and (nominal) receive data rates are determined by division of the frequency present at
the XTALN pin, which may be generated by the on-chip Xtal oscillator or come from an
external
source. Any Xtal/Clock frequency in the range 1.0MHz to 5.0MHz (VDD = 3.0V) or 1.0MHz to 6.5MHz
(VDD = 5.0V) may be used depending upon the desired data rate.
A division ratio to facilitate data rate setting is controlled by the logic level inputs on the CLKDIVA and
CLKDIVB pins and is shown in Table 1 together with examples of how various 'standard' data rates
may be derived from common Xtal frequencies.
Data Rate =
Xtal or Clock Frequency
Division Ratio
Division ratio =
Xtal Clock Frequency
CLKDIVA
CLKDIVB
Xtal frequency
÷ Data rate
4.096
(12.288/3)
4.9152
2.048
(6.144/3)
2.4576
(12.288/5)
0
0
128
32 000
38 400
16 000
19 200
0
1
256
16 000
19 200
8000
9600
1
0
512
8000
9600
4000
4800
1
1
1024
4000
4800
-
-
Table 1 Clock and Data Rates (in MHz and bits/sec, respectively)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com