Electronic Components Datasheet Search
  English  ▼

X  

FX579 Datasheet(PDF) 12 Page - CML Microcircuits

Part # FX579
Description  HALF DUPLEX GMSK MODEM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX579 Datasheet(HTML) 12 Page - CML Microcircuits

Back Button FX579 Datasheet HTML 8Page - CML Microcircuits FX579 Datasheet HTML 9Page - CML Microcircuits FX579 Datasheet HTML 10Page - CML Microcircuits FX579 Datasheet HTML 11Page - CML Microcircuits FX579 Datasheet HTML 12Page - CML Microcircuits FX579 Datasheet HTML 13Page - CML Microcircuits FX579 Datasheet HTML 14Page - CML Microcircuits FX579 Datasheet HTML 15Page - CML Microcircuits FX579 Datasheet HTML 16Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Half Duplex GMSK Modem
FX579
© 1996 Consumer Microcircuits Limited
12
D/579/4
Acquire Sequence
Figure 7 shows the typical received output from a radio's frequency discriminator. A data transmission
in general begins with a burst of unmodulated carrier followed by preamble of, for example "11001100--
" and then frame sync, so as to allow the receive modem to establish timing and level lock as soon as
possible, before the message is sent.
In most applications there will also be a dc step in the output voltage from the receiver FM discriminator
due to carrier frequency offsets as channels are changed or when the distant transmitter is turned on.
Figure 7 shows two possible receive operating modes of the FX579.
The mode shown in (a) is
preferred and should be used when an external carrier detect signal is available, so as to provide the
fastest possible acquisition of the received signal. The mode in (b) is suggested for when a carrier
detect signal is unavailable. The receive operating modes are determined by the logic state of the
ACQUIRE pin as explained in Table 3.
(a)
Operation with a carrier detect (Preferred operating mode)
When an external carrier detect signal is available the µController should provide an ACQUIRE
pulse as shown. The ACQUIRE input is pulsed to a logic "1" a minimum of 2 bit times after the
carrier is detected (to allow for the receive filter delay) and just before preamble is expected (to
reduce the probability of false frame sync detection under noisy conditions).
The level
measurement DOC capacitors are then automatically clamped to the input signal for fast
acquisition. The ACQUIRE input should remain at a logic "1" for a minimum of 16 bit times to
enable the level measurement circuits to stabilise and the PLL to quickly achieve lock. The
ACQUIRE input should then be taken to a logic "0" again, for better signal to noise
performance, once the preamble or Frame Sync has been detected by the controlling
microprocessor.
(b)
Suggested operation without a carrier detect (Non-preferred operating mode)
When a carrier detect signal is not available, it is suggested that the modem be operated in the
Lossy Peak Detect/Wide Bandwidth mode (ACQUIRE pin at a logic "1") until the system
µController satisfactorily detects preamble and/or frame sync. Then the ACQUIRE pin should
be taken to a logic "0" for Peak Averaging/Narrow Bandwidth mode, so as to provide a better
signal to noise performance for the rest of the message. The duration of initial unmodulated
carrier plus preamble should be a minimum of 100 bit times to allow the voltages on the
external DOC capacitors to stabilise. At the end of the message the ACQUIRE pin should be
returned to a logic "1".
The FX579 generally can tolerate dc offsets in the received signal of at least ±0.5V with respect to
VBIAS (VDD = 5V). The voltages on the DOC1 and DOC2 pins reflect the average peak positive and
negative excursions of the (filtered) received signal, and could therefore be used to derive a measure
of the data signal amplitude and carrier frequency offset. Note, however, that these pins are driven
from very high impedance circuits, so that the dc load presented by any external circuitry should
exceed 10M
Ω to VBIAS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com