Electronic Components Datasheet Search
  English  ▼

X  

FX579 Datasheet(PDF) 20 Page - CML Microcircuits

Part # FX579
Description  HALF DUPLEX GMSK MODEM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX579 Datasheet(HTML) 20 Page - CML Microcircuits

Back Button FX579 Datasheet HTML 15Page - CML Microcircuits FX579 Datasheet HTML 16Page - CML Microcircuits FX579 Datasheet HTML 17Page - CML Microcircuits FX579 Datasheet HTML 18Page - CML Microcircuits FX579 Datasheet HTML 19Page - CML Microcircuits FX579 Datasheet HTML 20Page - CML Microcircuits FX579 Datasheet HTML 21Page - CML Microcircuits FX579 Datasheet HTML 22Page - CML Microcircuits FX579 Datasheet HTML 23Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Half Duplex GMSK Modem
FX579
© 1996 Consumer Microcircuits Limited
20
D/579/4
1.7
Performance Specification
1.7.1
Electrical Performance
Absolute Maximum Ratings
Exceeding these maximum ratings can result in damage to the device.
Min.
Max.
Units
Supply voltage (VDD)
-0.3
7.0
V
Voltage on any pin (ref. VSS = 0V)
-0.3
VDD + 0.3
V
Current into or out of VDD and VSS pins
-30
+30
mA
Current into or out of any other pin
-20
+20
mA
Storage Temperature
-55
+125
°C
Operating Temperature
-40
+85
°C
D4 Package (Plastic)
Total allowable power dissipation at Tamb=25°C
800
mW
...... Derating
13
mW/°C
Operating Limits
Correct operation of the device outside these limits is not implied.
Condition
Min.
Max.
Units
Operating Temperature
-40
+85
°C
Supply Voltage (VDD)
3.0
5.5
V
Xtal/Clock Frequency
(VDD < 4.5V)
1.0
5.0
MHz
Xtal/Clock Frequency
(VDD ≥ 4.5V)
1.0
6.5
MHz
Data Rate
(VDD < 4.5V)
4000
20 000
bits/sec
Data Rate
(VDD ≥ 4.5V)
4000
40 000
bits/sec
Operating Characteristics
All device characteristics are measured under the following conditions unless otherwise specified:
Tamb = 25°C, VDD = 5.0V, Xtal frequency = 4.096MHz
Data rate = 8000 bits/sec, Noise bandwidth = bit rate
Characteristic
Note
Min.
Typ.
Max.
Units
Static Values
Supply Current
(for VDD = 3.0V)
1
-
-
2
mA
(for VDD = 5.0V)
1
-
-
4
mA
Logic "1" input level
3.5
-
-
V
Logic "0" input level
-
-
1.5
V
Logic input current
2
-5.0
-
5.0
µA
Logic "1" Output Level at IOH = -120µA
4.6
-
-
V
Logic "0" Output Level at IOL = 120µA
-
-
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com