Electronic Components Datasheet Search
  English  ▼

X  

FX579 Datasheet(PDF) 16 Page - CML Microcircuits

Part # FX579
Description  HALF DUPLEX GMSK MODEM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX579 Datasheet(HTML) 16 Page - CML Microcircuits

Back Button FX579 Datasheet HTML 12Page - CML Microcircuits FX579 Datasheet HTML 13Page - CML Microcircuits FX579 Datasheet HTML 14Page - CML Microcircuits FX579 Datasheet HTML 15Page - CML Microcircuits FX579 Datasheet HTML 16Page - CML Microcircuits FX579 Datasheet HTML 17Page - CML Microcircuits FX579 Datasheet HTML 18Page - CML Microcircuits FX579 Datasheet HTML 19Page - CML Microcircuits FX579 Datasheet HTML 20Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Half Duplex GMSK Modem
FX579
© 1996 Consumer Microcircuits Limited
16
D/579/4
Tx/Rx Switching
(Refer to Figure 8)
Rx to Tx Transition - following a "0" to "1" transition on the TXRXN input:
a)
If DATACLK is at a logic "1" it will go to a logic "0" (t1 max = 1µs), or if at logic "0" will stay low.
It will then remain at "0" for a minimum of 2 bit times, maximum of 3 bit times, before the first
+ve transmit clock edge occurs.
b)
The DATAIO line will go to a high impedance state ready for Tx data to be applied (t2 max =
1µs). Data on the DATAIO line should be set up and ready for when the first +ve transmit clock
edge occurs. This edge will clock the first bit of data into the transmit filter. Succeeding -ve
clock edges may be used by the µController to ensure that data is always set up when +ve
edges occur.
c)
TXOP is opened to the transmit path upon occurrence of the first +ve clock edge. Due to the
delay of the filter, the centre of Bit 1 will appear at the pin a maximum of 2 bit times (BT = 0.5)
or 2.5 bit times (BT = 0.3) later.
d)
At the end of a message the transmit output will remain in the state of the last bit sent.
e)
If a long period of unmodulated carrier is required before a message (approximately 10ms as
on MOBITEX), then the radio's transmitter should be keyed up with the FX579 modem still in
Rx mode.
Tx to Rx Transition - following a "1" to "0" transition on the TXRXN input:
a)
DATACLK continues at the nominal bit rate in a free-running mode until locked to a receive
signal, e.g. after a satisfactory ACQUIRE sequence.
b)
The buffer driving the TXOP pin is immediately connected to VBIAS.
c)
The DATAIO line immediately goes low impedance and starts sending Rx data.
d)
There is a 3-bit delay in the receive path before RXIN input data can appear at the DATAIO
pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com