Electronic Components Datasheet Search
  English  ▼

X  

FX579 Datasheet(PDF) 11 Page - CML Microcircuits

Part # FX579
Description  HALF DUPLEX GMSK MODEM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX579 Datasheet(HTML) 11 Page - CML Microcircuits

Back Button FX579 Datasheet HTML 7Page - CML Microcircuits FX579 Datasheet HTML 8Page - CML Microcircuits FX579 Datasheet HTML 9Page - CML Microcircuits FX579 Datasheet HTML 10Page - CML Microcircuits FX579 Datasheet HTML 11Page - CML Microcircuits FX579 Datasheet HTML 12Page - CML Microcircuits FX579 Datasheet HTML 13Page - CML Microcircuits FX579 Datasheet HTML 14Page - CML Microcircuits FX579 Datasheet HTML 15Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Half Duplex GMSK Modem
FX579
© 1996 Consumer Microcircuits Limited
11
D/579/4
Receive Signal Path
The function of the Rx circuitry is to:
a)
Accept an incoming signal from the radio's frequency discriminator at a defined level via
suitable external signal and dc level adjustment
b)
Clean the signal by filtering
c)
Provide dc level thresholds for clock and data extraction
d)
Provide clock timing information for data extraction and external circuits
e)
Provide Rx data as an output in binary form
The output of the radio receiver's frequency discriminator after suitable external signal and level
adjustment is applied to the RXIN pin. With VDD = 5V, nominal input level when receiving a continuous
"1111000011110000..." data pattern should be 1V pk-pk (level is proportional to VDD) centred around
½ VDD. Positive going signal excursions about VBIAS at RXIN will produce a logic "1" on the DATAIO
pin, negative going signal excursions will produce a logic "0".
The signal is then applied to the low pass Rx filter, which has a -3dB corner frequency of 0.56 times the
data bit rate, before being applied to the Level Measuring and Clock and Data Extraction blocks.
Level Measuring Circuit
The 'Level Measuring' block consists of two voltage detectors one of which measures the amplitude of
the 'positive' peaks of the received signal, while the other measures the 'negative' peaks.
These
detectors use the external capacitors connected to the DOC1 and DOC2 pins to form voltage hold or
integrator circuits.
Results of the two measurements are then processed within the modem to establish the optimum dc
level decision thresholds for the Clock and Data Extraction circuits, depending on the received signal
amplitude, BT and any dc offset present.
The receive circuits operate in several control modes as defined by the logic level applied to the
acquire pin. These are explained later - See 'Acquire Sequence'.
Rx Clock Extraction Block
The 'Rx Clock Extraction' circuit is based on a zero crossing tracking loop which uses a multi resolution
digital phase locked loop (PLL). The wide bandwidth mode allows for fast initial phase acquisition.
Eight good zero crossings are required for correct operation.
The highest timing resolution is obtained when the PLL is in its narrow bandwidth mode. This mode of
operation yields the least amount of phase jitter, which is responsible for the associated bit error rate
(BER) performance degradation.
The PLL operating mode is defined by the logic level applied to the ACQUIRE pin - See 'Acquire
Sequence'.
Rx Data Extraction Block
The 'Rx Data Extraction' circuit decides whether each received bit is a "1" or "0" by sampling the
received signal, after filtering, in the middle of each bit period and comparing the sampled voltage
against a threshold derived from the 'Level Measuring' circuit. This threshold is adapted from bit to bit
to compensate for intersymbol interference depending on the chosen BT. The extracted data is output
from the DATAIO pin and should be sampled externally on the rising edge of the received data clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com