Electronic Components Datasheet Search
  English  ▼

X  

FX579 Datasheet(PDF) 8 Page - CML Microcircuits

Part # FX579
Description  HALF DUPLEX GMSK MODEM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX579 Datasheet(HTML) 8 Page - CML Microcircuits

Back Button FX579 Datasheet HTML 4Page - CML Microcircuits FX579 Datasheet HTML 5Page - CML Microcircuits FX579 Datasheet HTML 6Page - CML Microcircuits FX579 Datasheet HTML 7Page - CML Microcircuits FX579 Datasheet HTML 8Page - CML Microcircuits FX579 Datasheet HTML 9Page - CML Microcircuits FX579 Datasheet HTML 10Page - CML Microcircuits FX579 Datasheet HTML 11Page - CML Microcircuits FX579 Datasheet HTML 12Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Half Duplex GMSK Modem
FX579
© 1996 Consumer Microcircuits Limited
8
D/579/4
Note:
(1)
Device operation is not guaranteed for operation above 40kbits/sec or below
4kbits/sec.
(2)
If a suitable Xtal or clock signal is not supplied, device supply current may
increase.
Transmit Signal Path
The binary data applied to the DATAIO input is retimed within the chip on each rising edge of the Tx
clock and then converted into a 1V pk-pk binary signal centred around VBIAS. This signal is then
connected to the input of the low pass Tx filter, and the output connected to the TXOP pin.
The Tx filter has a low pass frequency response, which is approximately Gaussian in shape, as shown
in Figure 4. This minimises amplitude and phase distortion of the binary signal while providing sufficient
attenuation of the high frequency components, which would otherwise cause interference into adjacent
radio channels.
The actual filter bandwidth to be used in any particular application will be determined by the overall
system requirements. The attenuation versus frequency response of the transmit filtering provided by
this chip has been designed to meet the specifications for most GMSK modem systems, having a -3dB
bandwidth switchable between 0.3 and 0.5 times the data bit rate.
Note that an external RC network is required between the TXOP pin and the input to the frequency
modulator. This network, which can form part of any dc level shifting and gain adjustment circuitry,
forms an important part of the transmit signal filtering, and the ground connection to the capacitor
should be positioned to give maximum attenuation of high frequency noise into the modulator. The
component values should be chosen so that the product of the resistance (in Ohms) and the
capacitance (in Farads) is:
0.34 / bit rate for BT of 0.3
0.21 / bit rate for BT of 0.5
(bit rate in bits per second)
Suitable values for common bit rates are given in Table 2
Data Rate
BT
R2
C7
4800 bits/sec
0.5
91.0 k
Ω
470pF
8000 bits/sec
0.3
91.0 k
Ω
470pF
9600 bits/sec
0.5
47.0 k
Ω
470pF
19 200 bits/sec
0.5
91.0 k
Ω
120pF
32 000 bits/sec
0.3
47.0 k
Ω
220pF
32 000 bits/sec
0.5
47.0 k
Ω
150pF
38 400 bits/sec
0.3
47.0 k
Ω
180pF
38 400 bits/sec
0.5
47.0 k
Ω
120pF
Table 2 Filter Bandwidth Selection
The TXOP signal is centred around VBIAS, going positive for logic "1" level inputs to the DATAIO input
and negative for logic "0" inputs.
Note that when in receive mode the input of the internal buffer
amplifier driving the TXOP pin is connected to VBIAS.
Figure 5 shows typical transmit eye patterns (measured after the external RC network) for BT values of
0.3 and 0.5
Figure 6 shows the transmit output spectrum (measured after the external RC network) again for BT
values of 0.3 and 0.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com