Electronic Components Datasheet Search
  English  ▼

X  

FX818 Datasheet(PDF) 6 Page - CML Microcircuits

Part # FX818
Description  CTCSS SIGNALLING PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX818 Datasheet(HTML) 6 Page - CML Microcircuits

Back Button FX818 Datasheet HTML 2Page - CML Microcircuits FX818 Datasheet HTML 3Page - CML Microcircuits FX818 Datasheet HTML 4Page - CML Microcircuits FX818 Datasheet HTML 5Page - CML Microcircuits FX818 Datasheet HTML 6Page - CML Microcircuits FX818 Datasheet HTML 7Page - CML Microcircuits FX818 Datasheet HTML 8Page - CML Microcircuits FX818 Datasheet HTML 9Page - CML Microcircuits FX818 Datasheet HTML 10Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
CTCSS Signalling Processor
FX818
© 1997 Consumer Microcircuits Limited
6
D/818/4
1.4
External Components
C1
22pF
±20%
R1
1M
±5%
X1
4.032MHz
±100ppm
C2
22pF
±20%
R2
100k
±10%
C3
100pF
±20%
R3
100k
±10%
C4
0.1µF
±20%
R4
Note 2
±10%
C5
100pF
±20%
R5
22k
±10%
C6
0.1µF
±20%
R6
Note 1
±10%
C7
Note 2
±20%
C8
0.1µF
±20%
Notes:
1.
R2, R6 and C3 form the gain components for the Summing Amplifier. R6 should be chosen as
required from the system specification, using the following formula:
Tx Sub Audio Gain
=
−
R2
R6
2.
R3, R4, C5 and C7 form the gain components for the Rx Input Amplifier. R4 should be chosen
as required by the signal level, using the following formula:
Gain
=
−
R3
R4
C7 x R4 should be chosen so as not to compromise the low frequency performance of this
product.
Figure 2 Recommended External Components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com