Electronic Components Datasheet Search
  English  ▼

X  

FX818 Datasheet(PDF) 25 Page - CML Microcircuits

Part # FX818
Description  CTCSS SIGNALLING PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX818 Datasheet(HTML) 25 Page - CML Microcircuits

Back Button FX818 Datasheet HTML 18Page - CML Microcircuits FX818 Datasheet HTML 19Page - CML Microcircuits FX818 Datasheet HTML 20Page - CML Microcircuits FX818 Datasheet HTML 21Page - CML Microcircuits FX818 Datasheet HTML 22Page - CML Microcircuits FX818 Datasheet HTML 23Page - CML Microcircuits FX818 Datasheet HTML 24Page - CML Microcircuits FX818 Datasheet HTML 25Page - CML Microcircuits FX818 Datasheet HTML 26Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
CTCSS Signalling Processor
FX818
© 1997 Consumer Microcircuits Limited
25
D/818/4
1.7.1
Electrical Performance (continued)
Timing Diagrams
Figure 4 "C-BUS" Timing
For the following conditions unless otherwise specified:
Xtal Frequency = 4.032MHz, VDD = 3.3V to 5.0V, Tamb = -40°C to +85°C.
Parameter
Notes
Min.
Typ.
Max.
Units
tCSE
"CS-Enable to Clock-High"
2.0
-
µs
tCSH
Last "Clock-High to CS-High"
4.0
-
µs
tHIZ
"CS-High to Reply Output 3-state"
-
2.0
µs
tCSOFF
"CS-High" Time between transactions
2.0
-
µs
tNXT
"Inter-Byte" Time
4.0
-
µs
tCK
"Clock-Cycle" time
2.0
-
µs
Notes:
1.
Depending on the command, 1 or 2 bytes of COMMAND DATA are transmitted to the peripheral
MSB (Bit 7) first, LSB (Bit 0) last. REPLY DATA is read from the peripheral MSB (Bit 7) first, LSB
(Bit 0) last.
2.
Data is clocked into and out of the peripheral on the rising SERIAL CLOCK edge.
3.
Loaded commands are acted upon at the end of each command.
4.
To allow for differing µController serial interface formats "C-BUS" compatible ICs are able to work
with either polarity SERIAL CLOCK pulses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com