Electronic Components Datasheet Search
  English  ▼

X  

FX818 Datasheet(PDF) 1 Page - CML Microcircuits

Part # FX818
Description  CTCSS SIGNALLING PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX818 Datasheet(HTML) 1 Page - CML Microcircuits

  FX818 Datasheet HTML 1Page - CML Microcircuits FX818 Datasheet HTML 2Page - CML Microcircuits FX818 Datasheet HTML 3Page - CML Microcircuits FX818 Datasheet HTML 4Page - CML Microcircuits FX818 Datasheet HTML 5Page - CML Microcircuits FX818 Datasheet HTML 6Page - CML Microcircuits FX818 Datasheet HTML 7Page - CML Microcircuits FX818 Datasheet HTML 8Page - CML Microcircuits FX818 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
CML Semiconductor Products
CTCSS Signalling Processor
FX818
© 1997 Consumer Microcircuits Limited
D/818/4 July 1997
1.0
Features
Provisional Issue
••
Fast CTCSS Detection
••
Programmable Tone Decoder
••
Non Predictive Tone Detection
••
Programmable Modulator Drivers
••
Low Power 3.3V/5V Operation
••
Programmable Tone Encoders
••
Variable Gain Audio Filter
••
Compact (SSOP and SOIC)
Packaging
1.1
Brief Description
The FX818 is an innovative CTCSS Codec designed for the latest generation of Land Mobile Radio equipment.
The FX818 is full duplex and has many advanced features which assist the operation of modern CTCSS based
systems.
The FX818 is electrically, physically and software compatible with the FX828.
It permits
manufacturers to add new features to their equipment with minimal design changes.
The FX818 incorporates a programmable tone decoder which can be set to respond to between 1 and 15
CTCSS tones with minimum software intervention. In addition, a 'Fast' CTCSS detector can respond to a
single programmed tone in 60ms, or can be used to provide an output if any CTCSS tone is present at the
detector input. A high resolution tone encoder performs accurate generation of any CTCSS tone in current use.
High pass and low pass filters are included to provide filtering for CTCSS and Voice band signals. On chip
audio summation amplifier and digital adjustable modulator drivers ensure easy integration into equipment.
The FX818 along with the FX828 is offered in a choice of small SSOP and SOIC 24-pin packages. It may be
used with 3.0 to 5.5 volt supply.


Similar Part No. - FX818

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
FX812 CMLMICRO-FX812 Datasheet
480Kb / 13P
VOICE STORE AND RETRIEVE CODEC
FX812DW CMLMICRO-FX812DW Datasheet
480Kb / 13P
VOICE STORE AND RETRIEVE CODEC
FX812J CMLMICRO-FX812J Datasheet
480Kb / 13P
VOICE STORE AND RETRIEVE CODEC
FX816 CMLMICRO-FX816 Datasheet
378Kb / 12P
NMT SYSTEM AUDIO PROCESSOR
FX816DW CMLMICRO-FX816DW Datasheet
378Kb / 12P
NMT SYSTEM AUDIO PROCESSOR
More results

Similar Description - FX818

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX325 ETC-MX325 Datasheet
314Kb / 7P
CTCSS ENCODER / DECODER
logo
CML Microcircuits
FX335 CMLMICRO-FX335 Datasheet
380Kb / 8P
CTCSS ENCODER / DECODER
FX828 CMLMICRO-FX828 Datasheet
833Kb / 34P
CTCSS/DCS/SELCALL Processor
MX325 CMLMICRO-MX325 Datasheet
320Kb / 7P
CTCSS ENCODER / DECODER
MX335 CMLMICRO-MX335 Datasheet
440Kb / 9P
CTCSS ENCODER / DECODER
logo
OSRAM GmbH
LCYW5SM OSRAM-LCYW5SM_18 Datasheet
1Mb / 23P
Signalling
LRW5SM OSRAM-LRW5SM_18 Datasheet
1Mb / 22P
Signalling
LAG6SP.01 OSRAM-LAG6SP.01 Datasheet
1Mb / 21P
Signalling
LRG6SP.01 OSRAM-LRG6SP.01 Datasheet
1Mb / 21P
Signalling
LSG6SP.01 OSRAM-LSG6SP.01 Datasheet
1Mb / 21P
Signalling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com