Electronic Components Datasheet Search
  English  ▼

X  

FX818 Datasheet(PDF) 23 Page - CML Microcircuits

Part # FX818
Description  CTCSS SIGNALLING PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX818 Datasheet(HTML) 23 Page - CML Microcircuits

Back Button FX818 Datasheet HTML 18Page - CML Microcircuits FX818 Datasheet HTML 19Page - CML Microcircuits FX818 Datasheet HTML 20Page - CML Microcircuits FX818 Datasheet HTML 21Page - CML Microcircuits FX818 Datasheet HTML 22Page - CML Microcircuits FX818 Datasheet HTML 23Page - CML Microcircuits FX818 Datasheet HTML 24Page - CML Microcircuits FX818 Datasheet HTML 25Page - CML Microcircuits FX818 Datasheet HTML 26Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
CTCSS Signalling Processor
FX818
© 1997 Consumer Microcircuits Limited
23
D/818/4
Notes
Min.
Typ.
Max.
Units
Audio Band-Pass Filter
Passband
8
300
-
3000
Hz
Passband Gain (at 1.0kHz)
8
-
0
-
dB
Passband Ripple (w.r.t. gain at 1.0kHz)
8
-2
-
+0.5
dB
Stopband Attenuation
8
33.0
-
-
dB
Residual Hum and Noise
-
-50.0
-
dBp
Alias Frequency
-
63
-
kHz
Output Impedances
TX SUB-AUDIO OUT and (Enabled)
-
2.0
-
k
RX AUDIO OUT
(Disabled)
-
500
-
k
Rx Amp and Summing Amp
Open Loop Gain
(I/P = 1mV at 100Hz)
-
70.0
-
dB
Unity Gain Bandwidth
-
5.0
-
MHz
Input Impedance
(at 100Hz)
10
-
-
M
Ω
Output Impedance
(Open Loop)
-
6.0
-
k
Ω
Transmitter Modulator Drives:
Mod.1 Attenuator
Attenuation (at 0dB)
-0.2
0
0.2
dB
Cumulative Attenuation Error
(wrt attenuation at 0dB)
-1.0
-
1.0
dB
Output Impedance
3
-
600
-
Ω
Input Impedance (at 100Hz)
-
15.0
-
k
Ω
Mod.2 Attenuator
Attenuation (at 0dB)
-0.2
0
0.2
dB
Cumulative Attenuation Error
(wrt attenuation at 0dB)
-0.6
-
0.6
dB
Output Impedance
3
-
600
-
Ω
General Purpose Timer
Timing Period Range
1
-
242
ms
Count Interval
-
0.95
-
ms
Xtal/Clock Input
Pulse Width ('High' or 'Low')
4
40.0
-
-
ns
Input Impedance (at 100Hz)
10.0
-
-
M
Ω
Gain (I/P = 1mVrms at 100Hz)
20.0
-
-
dB
Notes:
1.
At VDD = 5.0V only. Signal levels or currents are proportional to VDD.
2.
Not including any current drawn from the device pins by external circuitry.
3.
Small signal impedance, at VDD = 5.0V and Tamb = 25°C.
4.
Timing for an external input to the XTAL/CLOCK pin.
5.
With input gain components set as recommended in Figure 2.
6.
IRQN pin.
7.
From one tone to another tone.
8.
See filter response (Figure 3).
9.
Measured at MOD1 or MOD2 output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com