Electronic Components Datasheet Search
  English  ▼

X  

FX818 Datasheet(PDF) 19 Page - CML Microcircuits

Part # FX818
Description  CTCSS SIGNALLING PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX818 Datasheet(HTML) 19 Page - CML Microcircuits

Back Button FX818 Datasheet HTML 15Page - CML Microcircuits FX818 Datasheet HTML 16Page - CML Microcircuits FX818 Datasheet HTML 17Page - CML Microcircuits FX818 Datasheet HTML 18Page - CML Microcircuits FX818 Datasheet HTML 19Page - CML Microcircuits FX818 Datasheet HTML 20Page - CML Microcircuits FX818 Datasheet HTML 21Page - CML Microcircuits FX818 Datasheet HTML 22Page - CML Microcircuits FX818 Datasheet HTML 23Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
CTCSS Signalling Processor
FX818
© 1997 Consumer Microcircuits Limited
19
D/818/4
1.6.4
Receiver (Fast/Predictive Detector)
This is used for detecting, in the fastest possible time, that sub-audio tones are present on the Rx channel.
Response time is optimised for speed at the expense of frequency resolution.
It can operate in parallel to the Rx decoder. It is enabled using Bit 5 of the "SUB-AUDIO CONTROL" register
($80). It has an IRQ which may be unmasked with Bit 2 of the "IRQ MASK" register ($8E). The "FAST
CTCSS MODE DETECT/PREDICTIVE" Bit 3 in the "SUB-AUDIO SET UP" register ($82) allows for one of two
alternatives in the FAST mode. In DETECT mode it will detect any periodic tone in the sub-audio band and
when in PREDICTIVE mode it will detect specific tones determined by the frequency set in the "CTCSS
TX/FAST RX" register ($83) and the fixed PREDICTIVE mode bandwidth. Successful detection is indicated by
the CTCSS FAST IRQ FLAG Bit 2 in the IRQ FLAG register ($8F), and the CTCSS FAST TONE Bit 6 in the
SUB-AUDIO STATUS register ($81).
1.6.5
General Purpose Timer (GPT)
This may be used in conjunction with the Rx Decoder to form part of the decode algorithm or as a timer for any
other purpose. It has an 8-bit value register "GENERAL PURPOSE TIMER" register ($8B) set in units of
1msec, an IRQ FLAG Bit 6 of the "IRQ FLAG" register ($8F) and an IRQ MASK Bit 6 "IRQ MASK" register
($8E).
1.6.6
Tx / Fast Rx Tone Table
The following table lists the commonly used CTCSS tones and the corresponding values for programming the
transmitter frequency / fast predictive frequency register (Hex address $83).
Freq.
Byte 1
Byte 2
Freq.
Byte 1
Byte 2
Freq.
Byte 1
Byte 2
(Hz)
(hex)
(hex)
(Hz)
(hex)
(hex)
(Hz)
(hex)
(hex)
67.0
E
B1
114.8
8
93
186.2
5
49
69.3
E
34
118.8
8
49
189.9
5
2F
71.9
D
B1
123.0
8
1
192.8
5
1B
74.4
D
3B
127.3
7
BC
196.6
5
2
77.0
C
C9
131.8
7
78
199.5
4
EF
79.7
C
5A
136.5
7
36
203.5
4
D6
82.5
B
EF
141.3
6
F7
206.5
4
C4
85.4
B
87
146.2
6
BC
210.7
4
AC
88.5
B
1F
151.4
6
80
218.1
4
83
91.5
A
C2
156.7
6
48
225.7
4
5D
94.8
A
62
159.8
6
29
229.1
4
4C
97.4
A
1B
162.2
6
12
233.6
4
37
100.0
9
D8
167.9
5
DD
241.8
4
12
103.5
9
83
173.8
5
AA
250.3
3
EF
107.2
9
2F
179.9
5
79
254.1
3
E0
110.9
8
E0
183.5
5
5D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com