Electronic Components Datasheet Search
  English  ▼

X  

FX818 Datasheet(PDF) 11 Page - CML Microcircuits

Part # FX818
Description  CTCSS SIGNALLING PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX818 Datasheet(HTML) 11 Page - CML Microcircuits

Back Button FX818 Datasheet HTML 7Page - CML Microcircuits FX818 Datasheet HTML 8Page - CML Microcircuits FX818 Datasheet HTML 9Page - CML Microcircuits FX818 Datasheet HTML 10Page - CML Microcircuits FX818 Datasheet HTML 11Page - CML Microcircuits FX818 Datasheet HTML 12Page - CML Microcircuits FX818 Datasheet HTML 13Page - CML Microcircuits FX818 Datasheet HTML 14Page - CML Microcircuits FX818 Datasheet HTML 15Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
CTCSS Signalling Processor
FX818
© 1997 Consumer Microcircuits Limited
11
D/818/4
GENERAL PURPOSE TIMER (GPT) Register (Hex address $8B)
This register is used to preset the value of a countdown timer. Once a binary value has been loaded into this
register, it will be automatically transferred to an internal register within the timer. This internal register is then
decremented at each count interval (1ms) until it reaches zero. On reaching zero, the GPT IRQ FLAG in the
IRQ FLAG Register (Hex address $8F) is set to "1". An interrupt is generated on the IRQN pin if the GPT IRQ
MASK in the IRQ MASK Register (Hex address $8E) is "1" otherwise the GPT IRQ FLAG remains set to "1"
and no interrupt is generated.
When the internal register has reached a count of zero, the action of the timer depends on the setting of the
TIMER RE-CYCLE bit in the GENERAL CONTROL Register (Hex address $88). If the TIMER RE-CYCLE bit
is "1" then the timer will re-load the countdown value from the GENERAL PURPOSE TIMER Register and
restart the countdown from this value. If the TIME RE-CYCLE bit is "0" then the timer will stop and no further
action or timer interrupts will take place until the GENERAL PURPOSE TIMER Register is re-loaded. Loading
the GENERAL PURPOSE TIMER with "0" will cause the timer circuitry to be disabled (i.e. powersaved).
IRQ MASK Register (Hex address $8E)
This register is used to control the interrupts (IRQs) as described below:
(Bits 7, 5, 4, 1 and 0)
Reserved for future use. These should be set to "0".
GPT IRQ MASK
(Bit 6)
When this bit is set to "1" it enables an interrupt that occurs when GPT IRQ
FLAG (Bit 6, IRQ FLAG Register, $8F) changes from "0" to "1". When this
bit is "0" the interrupt is masked.
CTCSS IRQ MASK
(Bit 3)
When this bit is set to "1" it enables an interrupt that occurs when CTCSS
IRQ FLAG (Bit 3, IRQ FLAG Register, $8F) changes from "0" to "1". When
this bit is "0" the interrupt is masked.
CTCSS FAST IRQ
MASK
(Bit 2)
When this bit is set to "1" it enables an interrupt that occurs when CTCSS
FAST IRQ FLAG (Bit 2, IRQ FLAG Register, $8F) changes from "0" to "1".
When this bit is "0" the interrupt is masked.
CTCSS TX/FAST RX FREQUENCY Register (Hex address $83)
This is a 16-bit register. Byte (1) is sent first. When the CTCSS fast detector is enabled, the bits 0 to 12 define
the receive frequency the fast predictive detector is looking for according to the formula below.
When the CTCSS transmitter is enabled, the bits 0 to 12 control the frequency of the transmitted CTCSS tones
according to the formula below.
When the fast detector and the transmitter are both enabled, the bits 0 to 12 define the receive frequency the
fast predictive detector is looking for and the frequency of the transmitted tone according to the formula below
(i.e. Tx tone = predictive tone).
A
f
(Hz)
16 x f
(Hz)
XTAL
TONE
=
where A is the binary number programmed into the 13 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com