Electronic Components Datasheet Search
  English  ▼

X  

FX818 Datasheet(PDF) 20 Page - CML Microcircuits

Part # FX818
Description  CTCSS SIGNALLING PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX818 Datasheet(HTML) 20 Page - CML Microcircuits

Back Button FX818 Datasheet HTML 16Page - CML Microcircuits FX818 Datasheet HTML 17Page - CML Microcircuits FX818 Datasheet HTML 18Page - CML Microcircuits FX818 Datasheet HTML 19Page - CML Microcircuits FX818 Datasheet HTML 20Page - CML Microcircuits FX818 Datasheet HTML 21Page - CML Microcircuits FX818 Datasheet HTML 22Page - CML Microcircuits FX818 Datasheet HTML 23Page - CML Microcircuits FX818 Datasheet HTML 24Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
CTCSS Signalling Processor
FX818
© 1997 Consumer Microcircuits Limited
20
D/818/4
1.6.7
Rx Program Tone Table
The following table lists the commonly used CTCSS tones together with the values for programming the
“CTCSS RX PROGRAM” register (Hex address $84).
N.B.
The values for byte 1 and 2 below apply to tone address 0 only. These values will vary depending on
the location they are programmed into.
Freq.
Byte 1
Byte 2
Freq.
Byte 1
Byte 2
Freq.
Byte 1
Byte 2
(Hz)
(hex)
(hex)
(Hz)
(hex)
(hex)
(Hz)
(hex)
(hex)
67.0
3
D8
114.8
6
C0
186.2
A
C9
69.3
4
9
118.8
6
D1
189.9
B
8
71.9
4
1B
123.0
7
10
192.8
B
44
74.4
4
4E
127.3
7
50
196.6
B
83
77.0
4
83
131.8
7
C0
199.5
B
8A
79.7
4
94
136.5
8
2
203.5
B
C9
82.5
4
CB
141.3
8
44
206.5
C
6
85.4
5
2
146.2
8
86
210.7
C
46
88.5
5
14
151.4
8
C9
218.1
C
C3
91.5
5
4C
156.7
9
C
225.7
D
41
94.8
5
87
159.8
9
48
229.1
D
48
97.4
5
94
162.2
9
82
233.6
D
89
100.0
5
CB
167.9
9
C6
241.8
E
8
103.5
6
7
173.8
A
B
250.3
E
88
107.2
6
45
179.9
A
84
254.1
E
C7
110.9
6
82
183.5
A
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com