Electronic Components Datasheet Search
  English  ▼

X  

FX818 Datasheet(PDF) 9 Page - CML Microcircuits

Part # FX818
Description  CTCSS SIGNALLING PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX818 Datasheet(HTML) 9 Page - CML Microcircuits

Back Button FX818 Datasheet HTML 5Page - CML Microcircuits FX818 Datasheet HTML 6Page - CML Microcircuits FX818 Datasheet HTML 7Page - CML Microcircuits FX818 Datasheet HTML 8Page - CML Microcircuits FX818 Datasheet HTML 9Page - CML Microcircuits FX818 Datasheet HTML 10Page - CML Microcircuits FX818 Datasheet HTML 11Page - CML Microcircuits FX818 Datasheet HTML 12Page - CML Microcircuits FX818 Datasheet HTML 13Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
CTCSS Signalling Processor
FX818
© 1997 Consumer Microcircuits Limited
9
D/818/4
SUB-AUDIO CONTROL Register (Hex address $80)
This register is used to control the functions of the device as described below:
CTCSS TX ENABLE
and DECODER
ENABLE
(Bits 7 and 6)
These two bits enable and disable the CTCSS decoder (Rx) or transmitter (Tx)
according to the table below:
Tx
Bit 7
Rx
Bit 6
Function
0
0
Tx disabled, Rx disabled
0
1
Tx disabled, Rx enabled
1
0
Tx enabled, Rx disabled
1
1
Tx enabled, Rx enabled
CTCSS FAST
DETECT ENABLE
(Bit 5)
When this bit is "1", the "FAST CTCSS DETECT" or "FAST CTCSS
PREDICTIVE" mode is enabled, depending upon the setting of FAST CTCSS
MODE (Bit 3 SUB-AUDIO SET-UP Register, $82). When this bit is "0", both
"FAST CTCSS DETECT" and "FAST CTCSS PREDICTIVE" tone detectors are
disabled.
(Bits 4, 3, 2, 1 and 0)
Reserved for future use. These bits should be set to "0".
SUB-AUDIO SET-UP Register (Hex address $82)
This register is used to define the CTCSS parameters, as described below:
CTCSS DECODER
BANDWIDTH
(Bits 7, 6, 5 and 4)
These four bits set the bandwidth of the CTCSS tone decoder according to
the table below:
BANDWIDTH
Bit 7
Bit 6
Bit 5
Bit 4
Will Decode
Will Not Decode
1
0
0
0
±1.1%
±2.4%
1
0
0
1
±1.3%
±2.7%
1
0
1
0
±1.6%
±2.9%
1
0
1
1
±1.8%
±3.2%
1
1
0
0
±2.0%
±3.5%
1
1
0
1
±2.2%
±3.7%
1
1
1
0
±2.5%
±4.0%
1
1
1
1
±2.7%
±4.2%
FAST CTCSS MODE
(Bit 3)
When CTCSS FAST DETECT ENABLE (Bit 5 SUB-AUDIO CONTROL Register,
$80) is "1", this bit selects the "FAST CTCSS DETECT" or the "FAST CTCSS
PREDICTIVE" mode, according to the table below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com