Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA261 Datasheet(PDF) 64 Page - ATMEL Corporation

Part # ATMEGA261
Description  High Performance, Low Power AVR짰 8-Bit Microcontroller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA261 Datasheet(HTML) 64 Page - ATMEL Corporation

Back Button ATMEGA261 Datasheet HTML 60Page - ATMEL Corporation ATMEGA261 Datasheet HTML 61Page - ATMEL Corporation ATMEGA261 Datasheet HTML 62Page - ATMEL Corporation ATMEGA261 Datasheet HTML 63Page - ATMEL Corporation ATMEGA261 Datasheet HTML 64Page - ATMEL Corporation ATMEGA261 Datasheet HTML 65Page - ATMEL Corporation ATMEGA261 Datasheet HTML 66Page - ATMEL Corporation ATMEGA261 Datasheet HTML 67Page - ATMEL Corporation ATMEGA261 Datasheet HTML 68Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 226 page
background image
64
7753E–AVR–06/10
ATtiny261/ATtiny461/ATtiny861
ADC8: ADC input Channel 8. Note that ADC input channel 8 uses analog power.
PCINT13: Pin Change Interrupt source 13.
• Port B, Bit 4 - XTAL1/ CLKI/ OC1B/ ADC7/ PCINT12
XTAL1/CLKI: Chip clock Oscillator pin 1. Used for all chip clock sources except internal cali-
brated RC Oscillator. When used as a clock pin, the pin can not be used as an I/O pin.
OC1D: Inverted Output Compare Match output: The PB4 pin can serve as an external output for
the Timer/Counter1 Compare Match D when configured as an output (DDA0 set). The OC1D pin
is also the inverted output pin for the PWM mode timer function.
ADC7: ADC input Channel 7. Note that ADC input channel 7 uses analog power.
PCINT12: Pin Change Interrupt source 12.
• Port B, Bit 3 - OC1B/ PCINT11
OC1B, Output Compare Match output: The PB3 pin can serve as an external output for the
Timer/Counter1 Compare Match B. The PB3 pin has to be configured as an output (DDB3 set
(one)) to serve this function. The OC1B pin is also the output pin for the PWM mode timer
function.
PCINT11: Pin Change Interrupt source 11.
• Port B, Bit 2 - SCK/ USCK/ SCL/ OC1B/ PCINT10
SCK: Master Clock output, Slave Clock input pin for SPI channel. When the SPI is enabled as a
Slave, this pin is configured as an input regardless of the setting of DDB2. When the SPI is
enabled as a Master, the data direction of this pin is controlled by DDB2. When the pin is forced
by the SPI to be an input, the pull-up can still be controlled by the PORTB2 bit.
USCK: Three-wire mode Universal Serial Interface Clock.
SCL: Two-wire mode Serial Clock for USI Two-wire mode.
OC1B: Inverted Output Compare Match output: The PB2 pin can serve as an external output for
the Timer/Counter1 Compare Match B when configured as an output (DDB2 set). The OC1B pin
is also the inverted output pin for the PWM mode timer function.
PCINT10: Pin Change Interrupt source 10.
• Port B, Bit 1 - MISO/ DO/ OC1A/ PCINT9
MISO: Master Data input, Slave Data output pin for SPI channel. When the SPI is enabled as a
Master, this pin is configured as an input regardless of the setting of DDB1. When the SPI is
enabled as a Slave, the data direction of this pin is controlled by DDB1. When the pin is forced
by the SPI to be an input, the pull-up can still be controlled by the PORTB1 bit.
DO: Three-wire mode Universal Serial Interface Data output. Three-wire mode Data output over-
rides PORTB1 value and it is driven to the port when data direction bit DDB1 is set (one).
PORTB1 still enables the pull-up, if the direction is input and PORTB1 is set (one).
OC1A: Output Compare Match output: The PB1 pin can serve as an external output for the
Timer/Counter1 Compare Match B when configured as an output (DDB1 set). The OC1A pin is
also the output pin for the PWM mode timer function.
PCINT9: Pin Change Interrupt source 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com