Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA261 Datasheet(PDF) 20 Page - ATMEL Corporation

Part # ATMEGA261
Description  High Performance, Low Power AVR짰 8-Bit Microcontroller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA261 Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button ATMEGA261 Datasheet HTML 16Page - ATMEL Corporation ATMEGA261 Datasheet HTML 17Page - ATMEL Corporation ATMEGA261 Datasheet HTML 18Page - ATMEL Corporation ATMEGA261 Datasheet HTML 19Page - ATMEL Corporation ATMEGA261 Datasheet HTML 20Page - ATMEL Corporation ATMEGA261 Datasheet HTML 21Page - ATMEL Corporation ATMEGA261 Datasheet HTML 22Page - ATMEL Corporation ATMEGA261 Datasheet HTML 23Page - ATMEL Corporation ATMEGA261 Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 226 page
background image
20
7753E–AVR–06/10
ATtiny261/ATtiny461/ATtiny861
The calibrated Oscillator is used to time the EEPROM accesses. Make sure the Oscillator fre-
quency is within the requirements described in “OSCCAL – Oscillator Calibration Register” on
page 32.
The following code examples show one assembly and one C function for erase, write, or atomic
write of the EEPROM. The examples assume that interrupts are controlled (e.g., by disabling
interrupts globally) so that no interrupts will occur during execution of these functions.
Assembly Code Example
EEPROM_write:
; Wait for completion of previous write
sbic
EECR,EEPE
rjmp
EEPROM_write
; Set Programming mode
ldi
r16, (0<<EEPM1)|(0<<EEPM0)
out
EECR, r16
; Set up address (r18:r17) in address register
out
EEARH, r18
out
EEARL, r17
; Write data (r16) to data register
out
EEDR, r16
; Write logical one to EEMPE
sbi
EECR,EEMPE
; Start eeprom write by setting EEPE
sbi
EECR,EEPE
ret
C Code Example
void
EEPROM_write(unsigned char ucAddress, unsigned char ucData)
{
/* Wait for completion of previous write */
while(EECR & (1<<EEPE))
;
/* Set Programming mode */
EECR = (0<<EEPM1)|(0<<EEPM0);
/* Set up address and data registers */
EEAR = ucAddress;
EEDR = ucData;
/* Write logical one to EEMPE */
EECR |= (1<<EEMPE);
/* Start eeprom write by setting EEPE */
EECR |= (1<<EEPE);
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com