Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA261 Datasheet(PDF) 44 Page - ATMEL Corporation

Part # ATMEGA261
Description  High Performance, Low Power AVR짰 8-Bit Microcontroller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA261 Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button ATMEGA261 Datasheet HTML 40Page - ATMEL Corporation ATMEGA261 Datasheet HTML 41Page - ATMEL Corporation ATMEGA261 Datasheet HTML 42Page - ATMEL Corporation ATMEGA261 Datasheet HTML 43Page - ATMEL Corporation ATMEGA261 Datasheet HTML 44Page - ATMEL Corporation ATMEGA261 Datasheet HTML 45Page - ATMEL Corporation ATMEGA261 Datasheet HTML 46Page - ATMEL Corporation ATMEGA261 Datasheet HTML 47Page - ATMEL Corporation ATMEGA261 Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 226 page
background image
44
7753E–AVR–06/10
ATtiny261/ATtiny461/ATtiny861
9.1
Internal Voltage Reference
ATtiny261/461/861 features an internal bandgap reference. This reference is used for Brown-out
Detection, and it can be used as an input to the Analog Comparator or the ADC.
9.1.1
Voltage Reference Enable Signals and Start-up Time
The voltage reference has a start-up time that may influence the way it should be used. The
start-up time is given in “System and Reset Characteristics” on page 190. To save power, the
reference is not always turned on. The reference is on during the following situations:
1.
When the BOD is enabled (by programming the BODLEVEL [2..0] Fuse bits).
2.
When the bandgap reference is connected to the Analog Comparator (by setting the
ACBG bit in ACSR).
3.
When the ADC is enabled.
Thus, when the BOD is not enabled, after setting the ACBG bit or enabling the ADC, the user
must always allow the reference to start up before the output from the Analog Comparator or
ADC is used. To reduce power consumption in Power-down mode, the user can avoid the three
conditions above to ensure that the reference is turned off before entering Power-down mode.
9.2
Watchdog Timer
The Watchdog Timer is clocked from an On-chip Oscillator which runs at 128 kHz. By controlling
the Watchdog Timer prescaler, the Watchdog Reset interval can be adjusted as shown in Table
9-4 on page 48. The WDR – Watchdog Reset – instruction resets the Watchdog Timer. The
Watchdog Timer is also reset when it is disabled and when a Chip Reset occurs. Ten different
clock cycle periods can be selected to determine the reset period. If the reset period expires
without another Watchdog Reset, the ATtiny261/461/861 resets and executes from the Reset
Vector. For timing details on the Watchdog Reset, refer to Table 9-4 on page 48.
The Watchdog Timer can also be configured to generate an interrupt instead of a reset. This can
be very helpful when using the Watchdog to wake-up from Power-down.
To prevent unintentional disabling of the Watchdog or unintentional change of time-out period,
two different safety levels are selected by the fuse WDTON as shown in Table 9-2. Refer to
“Timed Sequences for Changing the Configuration of the Watchdog Timer” on page 45 for
details.
Table 9-2.
WDT Configuration as a Function of the Fuse Settings of WDTON
WDTON
Safety
Level
WDT Initial
State
How to Disable the
WDT
How to Change
Time-out
Unprogrammed
1
Disabled
Timed sequence
No limitations
Programmed
2
Enabled
Always enabled
Timed sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com