Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA261 Datasheet(PDF) 27 Page - ATMEL Corporation

Part # ATMEGA261
Description  High Performance, Low Power AVR짰 8-Bit Microcontroller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA261 Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button ATMEGA261 Datasheet HTML 23Page - ATMEL Corporation ATMEGA261 Datasheet HTML 24Page - ATMEL Corporation ATMEGA261 Datasheet HTML 25Page - ATMEL Corporation ATMEGA261 Datasheet HTML 26Page - ATMEL Corporation ATMEGA261 Datasheet HTML 27Page - ATMEL Corporation ATMEGA261 Datasheet HTML 28Page - ATMEL Corporation ATMEGA261 Datasheet HTML 29Page - ATMEL Corporation ATMEGA261 Datasheet HTML 30Page - ATMEL Corporation ATMEGA261 Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 226 page
background image
27
7753E–AVR–06/10
ATtiny261/ATtiny461/ATtiny861
7.2
Clock Sources
The device has the following clock source options, selectable by Flash Fuse bits as shown
below. The clock from the selected source is input to the AVR clock generator, and routed to the
appropriate modules.
Note:
1. For all fuses “1” means unprogrammed while “0” means programmed.
The various choices for each clocking option is given in the following sections. When the CPU
wakes up from Power-down or Power-save, the selected clock source is used to time the
start-up, ensuring stable Oscillator operation before instruction execution starts. When the CPU
starts from reset, there is an additional delay allowing the power to reach a stable level before
commencing normal operation. The Watchdog Oscillator is used for timing this real-time part of
the start-up time. The number of WDT Oscillator cycles used for each time-out is shown in Table
7-2.
7.3
Default Clock Source
The device is shipped with CKSEL = “0010”, SUT = “10”, and CKDIV8 programmed. The default
clock source setting is therefore the Internal RC Oscillator running at 8 MHz with longest start-up
time and an initial system clock prescaling of 8. This default setting ensures that all users can
make their desired clock source setting using an In-System or High-voltage Programmer.
7.4
External Clock
To drive the device from an external clock source, CLKI should be driven as shown in Figure
7-3. To run the device on an external clock, the CKSEL Fuses must be programmed to “0000”.
Table 7-1.
Device Clocking Options Select
(1) vs. PB4 and PB5 Functionality
Device Clocking Option
CKSEL3..0
PB4
PB5
External Clock
0000
XTAL1
I/O
PLL Clock
0001
I/O
I/O
Calibrated Internal RC Oscillator 8.0 MHz
0010
I/O
I/O
Watchdog Oscillator 128 kHz
0011
I/O
I/O
External Low-Frequency Crystal
01xx
XTAL1
XTAL2
External Crystal/Ceramic Resonator (0.4 - 0.9 MHz)
1000
XTAL1
XTAL2
External Crystal/Ceramic Resonator (0.4 - 0.9 MHz)
1001
XTAL1
XTAL2
External Crystal/Ceramic Resonator (0.9 - 3.0 MHz)
1010
XTAL1
XTAL2
External Crystal/Ceramic Resonator (0.9 - 3.0 MHz)
1011
XTAL1
XTAL2
External Crystal/Ceramic Resonator (3.0 - 8.0 MHz)
1100
XTAL1
XTAL2
External Crystal/Ceramic Resonator (3.0 - 8.0 MHz)
1101
XTAL1
XTAL2
External Crystal/Ceramic Resonator (8.0 - 16.0 MHz)
1110
XTAL1
XTAL2
External Crystal/Ceramic Resonator (8.0 - 16.0 MHz)
1111
XTAL1
XTAL2
Table 7-2.
Number of Watchdog Oscillator Cycles
Typ Time-out
Number of Cycles
4 ms
512
64 ms
8K (8,192)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com