Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA261 Datasheet(PDF) 38 Page - ATMEL Corporation

Part # ATMEGA261
Description  High Performance, Low Power AVR짰 8-Bit Microcontroller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA261 Datasheet(HTML) 38 Page - ATMEL Corporation

Back Button ATMEGA261 Datasheet HTML 34Page - ATMEL Corporation ATMEGA261 Datasheet HTML 35Page - ATMEL Corporation ATMEGA261 Datasheet HTML 36Page - ATMEL Corporation ATMEGA261 Datasheet HTML 37Page - ATMEL Corporation ATMEGA261 Datasheet HTML 38Page - ATMEL Corporation ATMEGA261 Datasheet HTML 39Page - ATMEL Corporation ATMEGA261 Datasheet HTML 40Page - ATMEL Corporation ATMEGA261 Datasheet HTML 41Page - ATMEL Corporation ATMEGA261 Datasheet HTML 42Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 226 page
background image
38
7753E–AVR–06/10
ATtiny261/ATtiny461/ATtiny861
For analog input pins, the digital input buffer should be disabled at all times. An analog signal
level close to V
CC/2 on an input pin can cause significant current even in active mode. Digital
input buffers can be disabled by writing to the Digital Input Disable Registers (DIDR0, DIDR1).
Refer to “DIDR0 – Digital Input Disable Register 0” on page 163 or “DIDR1 – Digital Input Dis-
able Register 1” on page 163 for details.
8.8
Register Description
8.8.1
MCUCR – MCU Control Register
The MCU Control Register contains control bits for power management.
• Bit 5 – SE: Sleep Enable
The SE bit must be written to logic one to make the MCU enter the sleep mode when the SLEEP
instruction is executed. To avoid the MCU entering the sleep mode unless it is the programmer’s
purpose, it is recommended to write the Sleep Enable (SE) bit to one just before the execution of
the SLEEP instruction and to clear it immediately after waking up.
• Bits 4, 3 – SM1:0: Sleep Mode Select Bits 2..0
These bits select between the three available sleep modes as shown in Table 8-2.
• Bit 2 – Res: Reserved Bit
This bit is a reserved ed bit in the ATtiny261/461/861 and will always read as zero.
8.8.2
PRR – Power Reduction Register
• Bits 7, 6, 5, 4- Res: Reserved Bits
These bits are reserved bits in the ATtiny261/461/861 and will always read as zero.
Bit
7
6
5432
10
0x35 (0x55)
–
PUD
SE
SM1
SM0
—
ISC01
ISC00
MCUCR
Read/Write
R
R/W
R/W
R/W
R/W
R
R/W
R/W
Initial Value
0
0
0000
00
Table 8-2.
Sleep Mode Select
SM1
SM0
Sleep Mode
00
Idle
0
1
ADC Noise Reduction
1
0
Power-down
1
1
Standby
Bit
7
65
43
2
1
0
0x36 (0x56)
–
-
-
-
PRTIM1
PRTIM0
PRUSI
PRADC
PRR
Read/Write
R
R
R
R
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com