Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA261 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # ATMEGA261
Description  High Performance, Low Power AVR짰 8-Bit Microcontroller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA261 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button ATMEGA261 Datasheet HTML 18Page - ATMEL Corporation ATMEGA261 Datasheet HTML 19Page - ATMEL Corporation ATMEGA261 Datasheet HTML 20Page - ATMEL Corporation ATMEGA261 Datasheet HTML 21Page - ATMEL Corporation ATMEGA261 Datasheet HTML 22Page - ATMEL Corporation ATMEGA261 Datasheet HTML 23Page - ATMEL Corporation ATMEGA261 Datasheet HTML 24Page - ATMEL Corporation ATMEGA261 Datasheet HTML 25Page - ATMEL Corporation ATMEGA261 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 226 page
background image
22
7753E–AVR–06/10
ATtiny261/ATtiny461/ATtiny861
6.4
I/O Memory
The I/O space definition of the ATtiny261/461/861 is shown in “Register Summary” on page 209.
All ATtiny261/461/861 I/Os and peripherals are placed in the I/O space. All I/O locations may be
accessed by the LD/LDS/LDD and ST/STS/STD instructions, transferring data between the 32
general purpose working registers and the I/O space. I/O Registers within the address range
0x00 - 0x1F are directly bit-accessible using the SBI and CBI instructions. In these registers, the
value of single bits can be checked by using the SBIS and SBIC instructions. Refer to the
instruction set section for more details. When using the I/O specific commands IN and OUT, the
I/O addresses 0x00 - 0x3F must be used. When addressing I/O Registers as data space using
LD and ST instructions, 0x20 must be added to these addresses.
For compatibility with future devices, reserved bits should be written to zero if accessed.
Reserved I/O memory addresses should never be written.
Some of the Status Flags are cleared by writing a logical one to them. Note that, the CBI and
SBI instructions will only operate on the specified bit, and can therefore be used on registers
containing such Status Flags. The CBI and SBI instructions work with registers 0x00 to 0x1F
only.
The I/O and Peripherals Control Registers are explained in later sections.
6.4.1
General Purpose I/O Registers
The ATtiny261/461/861 contains three General Purpose I/O Registers. These registers can be
used for storing any information, and they are particularly useful for storing global variables and
Status Flags. General Purpose I/O Registers within the address range 0x00 - 0x1F are directly
bit-accessible using the SBI, CBI, SBIS, and SBIC instructions.
6.5
Register Description
6.5.1
EEARH and EEARL – EEPROM Address Register
• Bit 7:1 – Res6:0: Reserved Bits
These bits are reserved for future use and will always read as 0 in ATtiny261/461/861.
• Bits 8:0 – EEAR8:0: EEPROM Address
The EEPROM Address Registers – EEARH and EEARL – specifies the high EEPROM address
in the 128/256/512 bytes EEPROM space. The EEPROM data bytes are addressed linearly
between 0 and 127/255/511. The initial value of EEAR is undefined. A proper value must be writ-
ten before the EEPROM may be accessed.
Bit
7
65432
10
0x1F (0x3F)
-
-----
-
EEAR8
EEARH
0x1E (0x3E)
EEAR7
EEAR6
EEAR5
EEAR4
EEAR3
EEAR2
EEAR1
EEAR0
EEARL
Bit
7
65432
10
Read/Write
RRR
RRRR
R/W
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
00000
0
X
Initial Value
XXXX
XXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com