Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA261 Datasheet(PDF) 48 Page - ATMEL Corporation

Part # ATMEGA261
Description  High Performance, Low Power AVR짰 8-Bit Microcontroller
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA261 Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button ATMEGA261 Datasheet HTML 44Page - ATMEL Corporation ATMEGA261 Datasheet HTML 45Page - ATMEL Corporation ATMEGA261 Datasheet HTML 46Page - ATMEL Corporation ATMEGA261 Datasheet HTML 47Page - ATMEL Corporation ATMEGA261 Datasheet HTML 48Page - ATMEL Corporation ATMEGA261 Datasheet HTML 49Page - ATMEL Corporation ATMEGA261 Datasheet HTML 50Page - ATMEL Corporation ATMEGA261 Datasheet HTML 51Page - ATMEL Corporation ATMEGA261 Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 226 page
background image
48
7753E–AVR–06/10
ATtiny261/ATtiny461/ATtiny861
Notes:
1. If selecting a reserved code WDT time-out is selected to be one of the legal selections.
Table 9-4.
Watchdog Timer Prescale Select
WDP3
WDP2
WDP1
WDP0
Number of WDT Oscillator
Cycles
Typical Time-out at
V
CC = 5.0V
0000
2K (2048) cycles
16 ms
0001
4K (4096) cycles
32 ms
0010
8K (8192) cycles
64 ms
0011
16K (16384) cycles
0.125 s
0100
32K (32764) cycles
0.25 s
0101
64K (65536) cycles
0.5 s
0110
128K (131072) cycles
1.0 s
0111
256K (262144) cycles
2.0 s
1000
512K (524288) cycles
4.0 s
1001
1024K (1048576) cycles
8.0 s
1010
Reserved(1)
1011
1100
1101
1110
1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com